Electronic Components Datasheet Search
  English  ▼

X  

AD7305BN Datasheet(PDF) 2 Page - Analog Devices

Part # AD7305BN
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7305BN Datasheet(HTML) 2 Page - Analog Devices

  AD7305BN Datasheet HTML 1Page - Analog Devices AD7305BN Datasheet HTML 2Page - Analog Devices AD7305BN Datasheet HTML 3Page - Analog Devices AD7305BN Datasheet HTML 4Page - Analog Devices AD7305BN Datasheet HTML 5Page - Analog Devices AD7305BN Datasheet HTML 6Page - Analog Devices AD7305BN Datasheet HTML 7Page - Analog Devices AD7305BN Datasheet HTML 8Page - Analog Devices AD7305BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
–2–
REV. A
AD7304/AD7305–SPECIFICATIONS
(@ VDD = +3 V or +5 V, VSS = 0 V; or VDD = +5 V and VSS = –5 V, VSS
≤ VREF ≤ VDD, –40 C < TA < +85 C/+125 C, unless otherwise noted.)
Parameter
Symbol
Condition
3 V
10% 5 V
10%
5 V
10%
Units
STATIC PERFORMANCE
Resolution1
N
8
8
8
Bits
Integral Nonlinearity
2
INL
±1
±1
±1
LSB max
Differential Nonlinearity
DNL
Monotonic, All Codes 0 to FFH
±1
±1
±1
LSB max
Zero-Scale Error
VZSE
Data = 00H
15
15
±15
mV max
Full-Scale Voltage Error
VFSE
Data = FFH
±4
±4
±4
LSB max
Full-Scale Tempco
3
TCVFS
55
5
ppm/
°C typ4
REFERENCE INPUT
VREFIN Range
VREFIN
VSS/VDD
VSS/VDD
VSS/VDD
V min/max
Input Resistance (AD7304)
RREFIN
Code = 55H
28
28
28
k
Ω typ
Input Resistance (AD7305)
RREFIN
All DACs at Code = 55H
7.5
7.5
7.5
k
Ω typ
Input Capacitance3
CREFIN
5
5
5
pF typ
ANALOG OUTPUTS
Output Voltage Range
VOUT
VSS/VDD
VSS/VDD
VSS/VDD
V min/max
Output Current Drive
IOUT
Code = 80H,
∆V
OUT < 1 LSB
±3
±3
±3
mA typ
Shutdown Resistance
ROUT
DAC Outputs Placed in Shutdown State 120
120
120
k
Ω typ
Capacitive Load3
CL
No Oscillation
200
200
200
pF typ
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.6
0.8
0.8
V min
Logic Input High Voltage
VIH
2.1
2.4
2.4
V max
Input Leakage Current5
IIL
±10
±10
±10
µA max
Input Capacitance
3
CIL
8
8
8
pF max
AC CHARACTERISTICS3
Output Slew Rate
SR
Code = 00H to FFH to 00H
1/2.7
1/3.6
1/3.6
V/
µs min/typ
Reference Multiplying
BW
Small Signal, VSS = –5 V
2.6
MHz typ
Total Harmonic Distortion
THD
VREF = 4 V p-p, VSS = –5 V, f = 1 kHz
0.025
%
Settling Time6
tS
To
±0.1% of Full Scale
1.1/2
1.0/2
1.0/2
µs typ/max
Shutdown Recovery Time
tSDR
To
±0.1% of Full Scale
2
2
2
µs max
Time to Shutdown
tSDN
15
15
15
µs typ
DAC Glitch
Q
15
15
15
nVs typ
Digital Feedthrough
Q
2
2
2
nVs typ
Feedthrough
VOUT/VREF
Code = 00H, VREF =1 V p-p, f = 100 kHz
–65
dB
SUPPLY CHARACTERISTICS
Positive Supply Current
IDD
VLOGIC = 0 V or VDD, No Load
6
6
6
mA max
Negative Supply Current
ISS
VSS = –5 V
6
mA max
Power Dissipation
PDISS
VLOGIC = 0 V or VDD, No Load
15
30
60
mW max
Power Down
IDD_SD
SDI/SHDN = Floating
40
40
40
µA typ
Power Supply Sensitivity
PSS
∆V
DD =
±10%
0.004
0.004
0.004
%/%
NOTES
1One LSB = V
REF/256.
2The first three codes (00
H, 01H, 10H) are excluded from the integral nonlinearity error measurement in single supply operation +3 V or +5 V.
3These parameters are guaranteed by design and not subject to production testing.
4Typicals represent average readings measured at +25
°C.
5SDI/SHDN and A0/SHDN pins have 30
µA maximum I
IL input leakage current.
6The settling time specification does not apply for negative going transitions within the last 3 LSBs of ground in single supply operation.
Specifications subject to change without notice.
VOUT = 10V p-p
5V
0V
–5V
5V
0V
–5V
(OUT)
(IN)
VREF = 10V p-p
f = 20kHz
Figure 1. AD7304/AD7305 Rail-to-Rail Reference Input to Output at 20 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com