Electronic Components Datasheet Search
  English  ▼

X  

BCL016B Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCL016B
Description  SUPER LOW NOISE PHEMT CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCL016B Datasheet(HTML) 3 Page - BeRex Corporation

  BCL016B Datasheet HTML 1Page - BeRex Corporation BCL016B Datasheet HTML 2Page - BeRex Corporation BCL016B Datasheet HTML 3Page - BeRex Corporation BCL016B Datasheet HTML 4Page - BeRex Corporation BCL016B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 T: (408) 452-5595; F: (408) 452-5596 Nov. 2012
Specifications are subject to change without notice. ©BeRex 2012
Rev. 1.7
BCL016B
NOISE PARAMETERS (Vds = 2 V, Ids = 10 mA)
FREQUENCY
(GHz)
NF MIN.
(dB)
GAMMA OPT. (Mag.)
GAMMA OPT. (Ang.)
Associated
Gain (dB)
Normalized Rn
2
0.16
0.827
3.649
20.460
0.188
3
0.18
0.810
15.551
19.580
0.181
4
0.19
0.783
27.376
18.740
0.171
5
0.20
0.752
30.667
17.920
0.164
6
0.21
0.712
34.528
17.140
0.156
7
0.23
0.668
36.600
16.390
0.149
8
0.24
0.623
37.402
15.670
0.143
9
0.26
0.582
33.305
14.990
0.143
10
0.30
0.519
37.280
14.490
0.128
11
0.35
0.449
37.264
13.920
0.124
12
0.39
0.395
39.953
13.430
0.111
13
0.43
0.318
44.861
12.970
0.103
14
0.47
0.228
55.706
12.600
0.087
15
0.51
0.105
88.026
12.210
0.073
16
0.55
0.113
-164.031
11.860
0.061
17
0.59
0.287
-126.824
11.580
0.062
18
0.61
0.461
-106.229
11.290
0.098
19
0.67
0.606
-89.016
10.980
0.201
20
0.71
0.703
-73.513
10.700
0.304



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com