Electronic Components Datasheet Search
  English  ▼

X  

PAD Datasheet(PDF) 8 Page - Exar Corporation

Part # PAD
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

PAD Datasheet(HTML) 8 Page - Exar Corporation

Back Button PAD Datasheet HTML 4Page - Exar Corporation PAD Datasheet HTML 5Page - Exar Corporation PAD Datasheet HTML 6Page - Exar Corporation PAD Datasheet HTML 7Page - Exar Corporation PAD Datasheet HTML 8Page - Exar Corporation PAD Datasheet HTML 9Page - Exar Corporation PAD Datasheet HTML 10Page - Exar Corporation PAD Datasheet HTML 11Page - Exar Corporation PAD Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
8/29
Rev. 1.0.1
PIN ASSIGNMENT
Fig. 4: XRP7724 Pin Assignment
PIN DESCRIPTION
Name
Pin Number
Description
VCC
41
Input voltage. Place a decoupling capacitor close to the controller IC. This input is used
in UVLO fault generation.
DVDD
16
1.8V supply input for digital circuitry. Connect pin to AVDD. Place a decoupling
capacitor close to the controller IC.
VCCD1-2
VCCD3-4
23,34
Gate Drive supply. Two independent gate drive supply pins where pin 34 supplies
drivers 1 and 2 and pin 23 supplies drivers 3 & 5. One of the two pins must be
connected to the LDO5 pin to enable two power rails initially. It is recommended that
the other VCCD pin be connected to the output of a 5V switching rail(for improved
efficiency or for driving larger external FETs), if available, otherwise this pin may also
be connected to the LDO5 pin. A bypass capacitor (>1uF) to PAD is recommended for
each VCCD pin with the pin(s) connected to LDO5 with shortest possible length of etch.
AGND
2
Analog ground pin. This is the small signal ground connection.
GL_RTN1-4
39,33, 28,22
Ground connection for the low side gate driver. This should be routed as a signal trace
with GL. Connect to the source of the low side MOSFET.
GL1-GL4
38,32, 27,21
Output pin of the low side gate driver. Connect directly to the gate of an external N-
channel MOSFET.
GH1-GH4
36,30, 25,19
Output pin of the high side gate driver. Connect directly to the gate of an external N-
channel MOSFET.
33
32
31
30
29
28
27
26
24
25
10
1
2
3
4
5
6
7
8
9
LDO3_3
AGND
CPLL
AVDD
VOUT1
VOUT2
VOUT4
GPIO0
GPIO1
GL2
LX2
GH2
BST2
GL_RTN3
GL3
LX3
GH3
BST3
VCCD3-4
VOUT3
Exposed Pad: AGND
XRP7724
TQFN
7mm X 7mm
11
SDA
23
GL_RTN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com