Electronic Components Datasheet Search
  English  ▼

X  

AHTD-2001S Datasheet(PDF) 1 Page - Allied Components International

Part # AHTD-2001S
Description  10/100 Base T Dual Port Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AHTD-2001S Datasheet(HTML) 1 Page - Allied Components International

  AHTD-2001S Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
12/02/11
SCHEMATICS
ALLIED
DATECODE
AHTD-2001S
Dimensions: inch(mm)
Unless otherwise specified, all tolerances are ±0.010(0.25)
A
B
PIN1
E
H
C
D
F
G
0.844(21.45)
0.266(6.75)
0.126(3.20)
0.709(18.00)
0.079
(2.00)
0.020
(0.50)
0.300(7.62)
All specifications subject to change without notice.
MECHANICAL
10/100 Base T Dual Port Transformer
AHTD-2001S
Cw/w: 50PF Typ @ 100KHz, 0.2V
Polarity: 1-20, 4-17, 6-15, 9-12 In-Phase
LL: 0.5µH Max @ 100KHz, 0.2V
DCR: 0.9
Operating Temp: 0ºC to 70ºC
Max
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 200mV
Turns Ratio
chip: cable
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
0.3-30MHz
40MHz
AHTD-2001S
350
1CT:1CT(TX)/1CT:1CT(RX)
-1.1
-18
-16
60-80MHz
-12
50MHz
-14.5
Part
Number
AHTD-2001S
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms) 60S
-35
1500
0.3-30MHz
-40
80-100MHz
-30
Common Mode Rejection
(dB Min)
60-100MHz
-35
0.3-30MHz
-42
60MHz
Isolation
Ω


Similar Part No. - AHTD-2001S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHTD-2002S ALLIED-AHTD-2002S Datasheet
304Kb / 1P
10/100 Base T Dual Port Transformer
AHTD-2003S ALLIED-AHTD-2003S Datasheet
321Kb / 1P
10/100 Base T Dual Port Transformer
More results

Similar Description - AHTD-2001S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHTA-2001I ALLIED-AHTA-2001I Datasheet
355Kb / 1P
10/100 Base T Dual Port Transformer
AHTA-2001S ALLIED-AHTA-2001S Datasheet
331Kb / 1P
10/100 Base T Dual Port Transformer
AHTA-2002S ALLIED-AHTA-2002S Datasheet
338Kb / 1P
10/100 Base T Dual Port Transformer
AHTA-2003BS ALLIED-AHTA-2003BS Datasheet
447Kb / 1P
10/100 Base T Dual Port Transformer
AHTA-2004S ALLIED-AHTA-2004S Datasheet
317Kb / 1P
10/100 Base T Dual Port Transformer
AHTA-2007S ALLIED-AHTA-2007S Datasheet
319Kb / 1P
10/100 Base T Dual Port Transformer
AHTA-2008S ALLIED-AHTA-2008S Datasheet
305Kb / 1P
10/100 Base T Dual Port Transformer
AHTD-2002S ALLIED-AHTD-2002S Datasheet
304Kb / 1P
10/100 Base T Dual Port Transformer
AHTD-2003S ALLIED-AHTD-2003S Datasheet
321Kb / 1P
10/100 Base T Dual Port Transformer
AHTE-2001S ALLIED-AHTE-2001S Datasheet
289Kb / 1P
10/100 Base T Dual Port Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com