Electronic Components Datasheet Search
  English  ▼

X  

K2010 Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # K2010
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K2010 Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  K2010 Datasheet HTML 1Page - COSMO  Electronics Corporation K2010 Datasheet HTML 2Page - COSMO  Electronics Corporation K2010 Datasheet HTML 3Page - COSMO  Electronics Corporation K2010 Datasheet HTML 4Page - COSMO  Electronics Corporation K2010 Datasheet HTML 5Page - COSMO  Electronics Corporation K2010 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:03/22/2012
NO.60P01028
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K2010
SHEET 5 OF 6
REV.
3
Fig.6
Collector Current vs.
Collector-Emitter Voltage
Fig.7
Relative Current Transfer Ratio
vs. Ambient Temperature
0
01
5
10
23
4
6
57
5mA
9
8
20mA
20
15
25
30
Ta=25°
10mA
C
IF=30mA
-55
0
-25
50
25
50
115
75
IF=2mA
VCE=5V
150
100
0
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8
Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9
Collector-Emitter Saturation
Voltage vs. Forward Current
0
-55
0
50
25
75
115
Ic=1m A
0.02
0.04
0.06
0.10
0.08
0.12
0.16
0.14
IF=20m A
5
0
10
C
Ta = 2 5 °
Ic= 7 m A
Ic= 5 m A
Ic= 3 m A
Ic= 1 m A
Ic= 0 .5 m A
0
1
3
2
5
4
6
7
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10
Response Time vs.
Load Resistance
Fig.11
Response Time vs.
Load Resistance
10
1
0. 1
tr
0.5
0.2
0.1
1
2
5
10
20
10 0
50
Ic = 2 m A
V c e= 2V
C
T a = 25°
10
0.1
1
0.1
0.2
1
0.5
5
2
20
10
Ic = 2 m A
Vc e = 2 V
10 0
50
C
tf
Ta = 2 5 °
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com