Electronic Components Datasheet Search
  English  ▼

X  

K30102A Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # K30102A
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K30102A Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  K30102A Datasheet HTML 1Page - COSMO  Electronics Corporation K30102A Datasheet HTML 2Page - COSMO  Electronics Corporation K30102A Datasheet HTML 3Page - COSMO  Electronics Corporation K30102A Datasheet HTML 4Page - COSMO  Electronics Corporation K30102A Datasheet HTML 5Page - COSMO  Electronics Corporation K30102A Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT SPECIFICATION
DATE:03/19/2012
NO.61P10012
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K3010S
SHEET 4 OF 6
REV.
2
Fig.1
Current Transfer Ratio
vs. Forward Current
0 . 5
6 0
0 . 2
2 0
0 . 1
0
4 0
1 0 0
1 2 0
1 4 0
8 0
2 0
1
2
5
1 0
5 0
Classification table of current
transfer ratio is shown below.
Model No.
CTR ( % )
K30102A
60 ~ 600
K30102B
60 ~ 300
Forward current IF (mA)
Fig.2
Collector Power Dissipation
vs. Ambient Temperature
Fig.3
Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
Vce=20V
10
-7
10
-6
10
-5
75
50
115
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4
Forward Current vs.
Ambient Temperature
Fig.5
Forward Current vs.
Forward Voltage
60
10
-55
0
20
025
30
40
50
50
75
115 125
1.8
-25°
1.6
1.2
1.0
1.4
Ta=75°
50° C
C
2.4
2.0
2.2
C
C
25°
C
0°
500
20
1
2
5
10
100
50
200
Ambient Temperature Ta (℃)
Forward Voltage VF (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com