Electronic Components Datasheet Search
  English  ▼

X  

AD7416 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7416
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416 Datasheet(HTML) 1 Page - Analog Devices

  AD7416 Datasheet HTML 1Page - Analog Devices AD7416 Datasheet HTML 2Page - Analog Devices AD7416 Datasheet HTML 3Page - Analog Devices AD7416 Datasheet HTML 4Page - Analog Devices AD7416 Datasheet HTML 5Page - Analog Devices AD7416 Datasheet HTML 6Page - Analog Devices AD7416 Datasheet HTML 7Page - Analog Devices AD7416 Datasheet HTML 8Page - Analog Devices AD7416 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. G
AD7416/AD7417/AD7418
10-Bit Digital Temperature Sensor (AD7416) and
Four Single-Channel ADCs (AD7417/AD7418)
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
10-Bit ADC with 15
s and 30
s Conversion Times
Single and Four Single-Ended Analog Input Channels
On-Chip Temperature Sensor: –40 C to +125 C
On-Chip Track-and-Hold
Overtemperature Indicator
Automatic Power-Down at the End of a Conversion
Wide Operating Supply Range: 2.7 V to 5.5 V
I
2C® Compatible Serial Interface
Selectable Serial Bus Address Allows Connection of up
to Eight AD7416/AD7417s to a Single Bus
AD7416 Is a Superior Replacement for LM75
APPLICATIONS
Data Acquisition with Ambient Temperature Monitoring
Industrial Process Control
Automotive
Battery-Charging Applications
Personal Computers
FUNCTIONAL BLOCK DIAGRAMS
VDD
OTI
GND
SDA
SCL
FAULT
QUEUE
COUNTER
SETPOINT
COMPARATOR
TOTI SETPOINT
REGISTER
THYST SETPOINT
REGISTER
TEMPERATURE
VALUE
REGISTER
A0
A1
A2
CONFIGURATION
REGISTER
SERIAL BUS
INTERFACE
BAND GAP
TEMPERATURE
SENSOR
10-BIT
ANALOG-DIGITAL
CONVERTER
ADDRESS
POINTER
REGISTER
AD7416
CONTROL
LOGIC
A > B
REFIN
VDD
OTI
SCL
SDA
A2
A1
A0
CONVST
AIN1
AIN2
AIN3
AIN4
TEMP
SENSOR
SAMPLING
CAPACITOR
VBALANCE
CLOCK
A
B
REF
2.5V
CHARGE
DISTRIBUTION
DAC
I2C
INTERFACE
MUX
OVERTEMP REG
NC
NC GND
DATA OUT
NC = NO CONNECT
AD7417
CONTROL
LOGIC
A > B
VDD
OTI
SCL
SDA
AIN1
SAMPLING
CAPACITOR
VBALANCE
CLOCK
A
B
I2C
INTERFACE
MUX
OVERTEMP REG
GND
DATA OUT
TEMP
SENSOR
REFIN
CONVST
REF
2.5V
CHARGE
DISTRIBUTION
DAC
AD7418
GENERAL DESCRIPTION
The AD7417 and AD7418 are 10-bit, 4-channel and single-
channel ADCs with an on-chip temperature sensor that
can operate from a single 2.7 V to 5.5 V power supply. The
devices contain a 15
µs successive approximation converter, a
5-channel multiplexer, a temperature sensor, a clock oscilla-
tor, a track-and-hold, and a reference (2.5 V). The AD7416
is a temperature-monitoring only device in an 8-lead package.
The temperature sensor on the parts can be accessed via multi-
plexer Channel 0. When Channel 0 is selected and a conversion
is initiated, the resulting ADC code at the end of the conversion
gives a measurement of the ambient temperature (
±1°C @ 25°C).
On-chip registers can be programmed with high and low tem-
perature limits, and an open-drain overtemperature indicator
(OTI) output is provided, which becomes active when a pro-
grammed limit is exceeded.
A configuration register allows programming of the sense of the
OTI output (active high or active low) and its operating mode
(comparator or interrupt). A programmable fault queue counter
allows the number of out-of-limit measurements that must occur
before triggering the OTI output to be set to prevent spurious
triggering of the OTI output in noisy environments.
(continued on page 7)


Similar Part No. - AD7416

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416AR AD-AD7416AR Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7416AR-REEL AD-AD7416AR-REEL Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7416AR-REEL7 AD-AD7416AR-REEL7 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7416ARM AD-AD7416ARM Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
AD7416ARM-REEL AD-AD7416ARM-REEL Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
More results

Similar Description - AD7416

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
3/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
logo
Texas Instruments
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
10-Bit Digital Temperature Sensor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com