Electronic Components Datasheet Search
  English  ▼

X  

MCP2210 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2210
Description  Breakout Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2210_12 Datasheet HTML 5Page - Microchip Technology MCP2210_12 Datasheet HTML 6Page - Microchip Technology MCP2210_12 Datasheet HTML 7Page - Microchip Technology MCP2210_12 Datasheet HTML 8Page - Microchip Technology MCP2210_12 Datasheet HTML 9Page - Microchip Technology MCP2210_12 Datasheet HTML 10Page - Microchip Technology MCP2210_12 Datasheet HTML 11Page - Microchip Technology MCP2210_12 Datasheet HTML 12Page - Microchip Technology MCP2210_12 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
MCP2210 BREAKOUT MODULE
USER’S GUIDE
© 2012 Microchip Technology Inc.
DS52056A-page 9
Chapter 1. Product Overview
1.1
INTRODUCTION
This chapter provides an overview of the MCP2210 Breakout Module and covers the
following topics:
• MCP2210 Breakout Module General Description
• What the MCP2210 Breakout Module Kit Includes
1.2
MCP2210 BREAKOUT MODULE GENERAL DESCRIPTION
The MCP2210 Breakout Module is a development and evaluation platform for the
MCP2210 device. The module is comprised of a single DIP form-factor board.
The MCP2210 Breakout Module has the following features:
• SPI bus signals (MOSI, MISO, SCK)
• Nine GP lines, configurable for GPIO, Chip Select or dedicated function operation
• Provides a user selectable (by using a jumper) power supply of 3.3V or 5V (up to
500 mA)
• DIP form-factor (0.6 inches overall row spacing between pins)
• PICkit™ Serial Analyzer header – used for SPI communication only
A Windows®-based PC software was created to help with the evaluation/demonstration
of the MCP2210 device as a USB-to-SPI (Master) device. It allows I/O control and
custom device configuration. The software is downloadable from the board web page
on www.microchip.com.
A DLL package is included to allow development of custom PC applications using the
MCP2210. The DLL package is also available for download on the board web page.
1.3
WHAT THE MCP2210 BREAKOUT MODULE KIT INCLUDES
The MCP2210 Breakout Module Kit includes:
• MCP2210 Breakout Module (ADM00419)
•Mini-USB cable
• Important Information Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com