Electronic Components Datasheet Search
  English  ▼

X  

AS5161 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AS5161
Description  12-Bit Magnetic Angle Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5161 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AS5161 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS5161 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
AS5161
Datasheet - Electrical Character i s t ics
www.ams.com
Revision 1.1
7 - 35
7.3 Electrical System Specifications
TAMB = -40 to +150ºC, VDD = 4.5 - 5.5V (5V operation), Magnetic Input Specification, unless otherwise noted.
Figure 4. Power-up timing Diagram
Table 5. Electrical System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Resolution PWM Output
Range > 90º
12
bit
INLopt
Integral non-linearity (optimum)
Best aligned reference magnet at 25ºC
over full turn 360º.
0.5
deg
INLtemp
Integral non-linearity (optimum)
Best aligned reference magnet over
temperature -40 -150º over full turn 360º.
0.9
deg
INL
Integral non-linearity
Best aligned reference magnet over
temperature -40 -150º over full turn 360º
and displacement
1.4
deg
DNL
Differential non-linearity
Monolitic
0.05
deg
ON
Output noise (360º segment)
1 LSB after filter peak/peak rms value
0.2
% DC
tPwrUp
Power-up time 0-5V
See Figure 4
10
ms
tdelay
System propagation delay
absolute output: delay of ADC,
DSP and absolute interface
10kOhm, 100 µF RC filter
300
µs
OUT pin in HiZ
First Valid Data on OUT pin
tPwrUp
4.5V
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com