Electronic Components Datasheet Search
  English  ▼

X  

AD7467 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7467
Description  1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7467 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7467 Datasheet HTML 7Page - Analog Devices AD7467 Datasheet HTML 8Page - Analog Devices AD7467 Datasheet HTML 9Page - Analog Devices AD7467 Datasheet HTML 10Page - Analog Devices AD7467 Datasheet HTML 11Page - Analog Devices AD7467 Datasheet HTML 12Page - Analog Devices AD7467 Datasheet HTML 13Page - Analog Devices AD7467 Datasheet HTML 14Page - Analog Devices AD7467 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
AD7466/AD7467/AD7468
–15–
REV. PrC
6-lead SOT23 (RT-6)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0 .12 2 ( 3 .10 )
0 .10 6 ( 2 .70 )
PIN 1
0 .11 8 ( 3 .00 )
0 .09 8 ( 2 .50 )
0 .07 5 ( 1 .90 )
BS C
0.03 7 (0 .9 5 ) B S C
1
3
4
5
6
2
0 .07 1 ( 1 .80 )
0 .05 9 ( 1 .50 )
0 .00 9 ( 0 .23 )
0 .00 3 ( 0 .08 )
0 .02 2 ( 0 .55 )
0 .01 4 ( 0 .35 )
10 °
0
0 .02 0 ( 0 .50 )
0 .01 0 ( 0 .25 )
0 .00 6 ( 0 .15 )
0 .00 0 ( 0 .00 )
0 .05 1 ( 1 .30 )
0 .03 5 ( 0 .90 )
SE A T IN G
PL ANE
0 .05 7 ( 1 .45 )
0 .03 5 ( 0 .90 )
°
8
5
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEA TIN G
PLAN E
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33°
27°
0.120 (3.05)
0.112 (2.84)
8-lead microSOIC (RM-8)
pecifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com