Electronic Components Datasheet Search
  English  ▼

X  

ML614S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ML614S
Description  Manganese Lithium Coin Batteries (ML series): Individual Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ML614S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ML614S Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
ML621S
■ Consumption current vs. Duration time
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
60 C
20 C
-20 C
load: 200k
Ω
(12
µA)
Charge characteristics : 3.1V, 1k
Ω, 45hrs
Discharge capacity(mAh)
0.0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
3.1V
ML621S
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Voltage
Current
hour(h)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
1
5
10
50
100
500
1000
5000 10000
10000
5000
1000
500
100
50
10
1
Consumption Current (
µA)
∅6.8
∅5.2 (max)
2.15
0.05
(min)
+0
-0.15
+0
-0.20
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
■ Dimensions(mm)
■ Specification
■ Discharge characteristics
■ Charge characteristics
3
5
0.01
-20 ~ +60
Weight:0.23g
Note: This bare cell diagram is for size reference only. Please refer to the
tab configurations at the end of this section for available tabs.
ML614S
1
5
10
50
100
500
1000
5000 10000
10000
5000
1000
500
100
50
10
1
Consumption Current (
µA)
∅6.8
∅5.0
± 0.3
1.45
0.05
(min)
+0
-0.15
+0
-0.15
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4. 0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
300k
(8 A)
Temp
Load
Discharge capacity(mAh)
■ Dimensions(mm)
■ Specification
■ Discharge characteristics
■ Consumption current vs. Duration time
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
3.4
0.01
-20 ~ +60
Weight:0.16g
Note: This bare cell diagram is for size reference only. Please refer to the
tab configurations at the end of this section for available tabs.
Manganese Lithium Coin Batteries (ML series): Individual Specifications


Similar Part No. - ML614S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ML614S PANASONIC-ML614S Datasheet
30Kb / 1P
Manganese Lithium Coin Batteries (ML series): Individual Specifications
More results

Similar Description - ML614S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ML612S PANASONIC-ML612S Datasheet
30Kb / 1P
Manganese Lithium Coin Batteries (ML series): Individual Specifications
logo
Panasonic Battery Group
CR-1632 PANASONICBATTERY-CR-1632 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR2032 PANASONIC-CR2032 Datasheet
62Kb / 1P
Manganese Dioxide Lithium Coin Batteries : Individual Specifications
CR1632 PANASONIC-CR1632 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Battery Group
CR1216 PANASONICBATTERY-CR1216 Datasheet
54Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1616 PANASONICBATTERY-CR1616 Datasheet
52Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1632 PANASONICBATTERY-CR1632 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2025 PANASONICBATTERY-CR2025 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2354 PANASONICBATTERY-CR2354 Datasheet
63Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2450 PANASONICBATTERY-CR2450 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com