Electronic Components Datasheet Search
  English  ▼

X  

AD7416ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7416ARMZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7416ARMZ Datasheet HTML 3Page - Analog Devices AD7416ARMZ Datasheet HTML 4Page - Analog Devices AD7416ARMZ Datasheet HTML 5Page - Analog Devices AD7416ARMZ Datasheet HTML 6Page - Analog Devices AD7416ARMZ Datasheet HTML 7Page - Analog Devices AD7416ARMZ Datasheet HTML 8Page - Analog Devices AD7416ARMZ Datasheet HTML 9Page - Analog Devices AD7416ARMZ Datasheet HTML 10Page - Analog Devices AD7416ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. G
AD7416/AD7417/AD7418
–7–
ORDERING GUIDE
Temperature
Temperature
Package
Package
Model
Range
Error
Description
Branding
Option
AD7416ACHIPS
Die
AD7416AR
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7416AR-REEL
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7416AR-REEL7
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7416ARZ
*
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7416ARZ-REEL
*
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7416ARZ-REEL7
*
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7416ARM
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C6A
RM-8
AD7416ARM-REEL
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C6A
RM-8
AD7416ARM-REEL7
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C6A
RM-8
AD7416ARMZ
*
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C6A
RM-8
AD7416ARMZ-REEL
*
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C6A
RM-8
AD7416ARMZ-REEL7
*
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C6A
RM-8
AD7417ACHIPS
Die
AD7417AR
–40
°C to +125°C ±2°C
16-Lead Standard Small Outline Package (SOIC)
RN-16
AD7417AR-REEL
–40
°C to +125°C ±2°C
16-Lead Standard Small Outline Package (SOIC)
RN-16
AD7417AR-REEL7
–40
°C to +125°C ±2°C
16-Lead Standard Small Outline Package (SOIC)
RN-16
AD7417ARU
–40
°C to +125°C ±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417ARU-REEL
–40
°C to +125°C ±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417ARU-REEL7
–40
°C to +125°C ±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7417BR
–40
°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC)
RN-16
AD7417BR-REEL
–40
°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC)
RN-16
AD7417BR-REEL7
–40
°C to +85°C
±1°C
16-Lead Standard Small Outline Package (SOIC)
RN-16
AD7418ACHIPS
Die
AD7418AR
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7418AR-REEL
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7418AR-REEL7
–40
°C to +125°C ±2°C
8-Lead Standard Small Outline Package (SOIC)
RN-8
AD7418ARM
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C7A
RM-8
AD7418ARM-REEL
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C7A
RM-8
AD7418ARM-REEL7
–40
°C to +125°C ±2°C
8-Lead Micro Small Outline Package (MSOP)
C7A
RM-8
AD7418ARUZ
*
–40
°C to +125°C ±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7418ARUZ-REEL
*
–40
°C to +125°C ±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7418ARUZ-REEL7
*
–40
°C to +125°C ±2°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
EVAL-AD7416/AD7417/
Evaluation Board
AD7418EB
*Pb-Free Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com