Electronic Components Datasheet Search
  English  ▼

X  

FF26-39A-R11A-3H Datasheet(PDF) 3 Page - DDK Ltd.

Part # FF26-39A-R11A-3H
Description  Ultra-low profile FPC connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FF26-39A-R11A-3H Datasheet(HTML) 3 Page - DDK Ltd.

  FF26-39A-R11A-3H Datasheet HTML 1Page - DDK Ltd. FF26-39A-R11A-3H Datasheet HTML 2Page - DDK Ltd. FF26-39A-R11A-3H Datasheet HTML 3Page - DDK Ltd. FF26-39A-R11A-3H Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Unit:mm
FF26 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
Your catalogue checking the latest specifications with our drawings would be highly appreciated.
○ 0.20mm Pitch FPC Connector (Upper Contact)
3
Part Number
Number of
Contact
A
B
C
D
E
F
FF26-39A-R11A-3H
39
9.10
7.60
8.05
8.00
3.80
(1.39)
FF26-80A-R11B
80
17.30
15.80
16.25
16.00
4.00
(1.59)
Table−1
Even Number of
Contacts
Dimensions
C
E
3.45
B0.07
A
No.1 Contact
No.(n) Contact
0.20 0.07
0.15 Y
0.08 0.02
0.15 Y
0.08 0.02
No.(n) Contact
No.(n-1) Contact
B
No.1 Contact
0.40
No.2 Contact
Y
0.20
0.40
B0.02
D0.05
a
偶数芯数の場合(Applicable for the Even number contacts)
No.1Contact
Pattern Prohibition
Area
No.(n-1) Contact
0.40 0.03
0.23 0.02
No.2 Contact
B0.03
0.23 0.02
0.20 0.03
0.40 0.03
No.(n) Contact
0.20 0.03
No.2 Contact
No.1 Contact
No.(n) Contact
0.200.05
0.400.02
0.200.02
0.200.03
0.200.05
0.120.03
Stiffener
0.065 0.02
0.10 0.02
0.10 0.02
Detail a
B0.02
D0.05
a
偶数芯数の場合(Applicable for the Even number contacts)
No.1Contact
Pattern Prohibition
Area
No.(n-1) Contact
0.40 0.03
0.23 0.02
No.2 Contact
B0.03
0.23 0.02
0.20 0.03
0.40 0.03
No.(n) Contact
0.20 0.03
No.2 Contact
No.1 Contact
No.(n) Contact
0.200.05
0.400.02
0.200.02
0.200.03
0.200.05
0.120.03
Stiffener
0.065 0.02
0.10 0.02
0.10 0.02
Detail a
Recommended PCB
Mounting Dimensions
Recommended
FPC Dimensions
Contacts are arranged
zigzag from No.1 contact.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com