Electronic Components Datasheet Search
  English  ▼

X  

AD7537 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7537
Description  LC2MOS (84) Loading Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537 Datasheet(HTML) 7 Page - Analog Devices

  AD7537 Datasheet HTML 1Page - Analog Devices AD7537 Datasheet HTML 2Page - Analog Devices AD7537 Datasheet HTML 3Page - Analog Devices AD7537 Datasheet HTML 4Page - Analog Devices AD7537 Datasheet HTML 5Page - Analog Devices AD7537 Datasheet HTML 6Page - Analog Devices AD7537 Datasheet HTML 7Page - Analog Devices AD7537 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7537
REV. 0
–7–
APPLICATION HINTS
Output Offset: CMOS D/A converters in circuits such as Fig-
ures 4 and 5 exhibit a code dependent output resistance which
in turn can cause a code dependent error voltage at the output
of the amplifier. The maximum amplitude of this error, which
adds to the D/A converter nonlinearity, depends on VOS, where
VOS is the amplifier input offset voltage. To maintain specified
operation, it is recommended that VOS be no greater than
(25
10
–6) (V
REF) over the temperature range of operation.
Suitable op amps are the AD711C and its dual version, the
AD712C. These op amps have a wide bandwidth and high slew
rate and are recommended for wide bandwidth ac applications.
AD711/AD712 settling time to 0.01% is typically 3
µs.
Temperature Coefficients: The gain temperature coefficient
of the AD7537 has a maximum value of 5 ppm/
°C and typical
value of 1 ppm/
°C. This corresponds to worst case gain shifts of
2 LSBs and 0.4 LSBs respectively over a 100
°C temperature
range. When trim resistors R1 (R3) and R2 (R4) are used to ad-
just full scale range as in Figure 4, the temperature coefficient of
R1 (R3) and R2 (R4) should also be taken into account. For
further information see “Gain Error and Gain Temperature Co-
efficient of CMOS Multiplying DACs”, Application Note, Pub-
lication Number E630c-5-3/86 available from Analog Devices.
High Frequency Considerations: AD7537 output capaci-
tance works in conjunction with the amplifier feedback resis-
tance to add a pole to the open loop response. This can cause
ringing or oscillation. Stability can be restored by adding a
phase compensation capacitor in parallel with the feedback re-
sistor. This is shown as C1 and C2 in Figures 4 and 5.
Feedthrough: The dynamic performance of the AD7537 de-
pends upon the gain and phase stability of the output amplifier,
together with the optimum choice of PC board layout and de-
coupling components. A suggested printed circuit layout for
Figure 4 is shown in Figure 8 which minimizes feedthrough
from VREFA, VREFB to the output in multiplying applications.
Figure 8. Suggested Layout for AD7537
MICROPROCESSOR INTERFACING
The byte loading structure of the AD7537 makes it very easy to
interface the device to any 8-bit microprocessor system. Figures
9 and 10 show two interfaces: one for the MC6809 and the
other for the MC68008. Figure 11 shows how an AD7537 sys-
tem can be easily expanded by tying all the UPD lines together
and using a single decoder output to control these. This ex-
panded system is shown using a Z80 microprocessor but it is
just as easily configured using any other 8-bit microprocessor
system. Note how the system shown in Figure 11 produces 4
analog outputs with a minimum amount of hardware.
Figure 9. AD7537–MC6809 Interface
Figure 10. AD7537–MC68008 Interface
Figure 11. Expanded AD7537 System



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com