Electronic Components Datasheet Search
  English  ▼

X  

AD7538 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7538
Description  LC2MOS uP-Compatible 14-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538 Datasheet(HTML) 4 Page - Analog Devices

  AD7538 Datasheet HTML 1Page - Analog Devices AD7538 Datasheet HTML 2Page - Analog Devices AD7538 Datasheet HTML 3Page - Analog Devices AD7538 Datasheet HTML 4Page - Analog Devices AD7538 Datasheet HTML 5Page - Analog Devices AD7538 Datasheet HTML 6Page - Analog Devices AD7538 Datasheet HTML 7Page - Analog Devices AD7538 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7538
REV. A
–4–
TERMINOLOGY
RELATIVE ACCURACY
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after ad-
justing for zero error and full-scale error and is normally ex-
pressed in Least Significant Bits or as a percentage of full-scale
reading.
DIFFERENTIAL NONLINEARITY
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of
±1 LSB max over
the operating temperature range ensures monotonicity.
GAIN ERROR
Gain error is a measure of the output error between an ideal
DAC and the actual device output. It is measured with all 1s in
the DAC after offset error has been adjusted out and is expressed
in Least Significant Bits. Gain error is adjustable to zero with an
external potentiometer.
DIGITAL-TO-ANALOG GLITCH IMPULSE
The amount of charge injected from the digital inputs to the
analog output when the inputs change state is called Digital-
to-Analog Glitch Impulse. This is normally specified as the area
of the glitch in either pA-secs or nV-secs depending upon
whether the glitch is measured as a current or voltage. It is mea-
sured with VREF = AGND.
OUTPUT CAPACITANCE
This is the capacitance from IOUT to AGND.
OUTPUT LEAKAGE CURRENT
Output Leakage Current is current which appears at IOUT with
the DAC register loaded to all 0s.
MULTIPLYING FEEDTHROUGH ERROR
This is the ac error due to capacitive feedthrough from VREF
terminal to IOUT with DAC register loaded to all zeros.
ORDERING GUIDE
Temperature
Relative
Full-Scale
Package
Model
Range
Accuracy
Error
Option*
AD7538JN
0
°C to +70°C
±2 LSB
±8 LSB
N-24
AD7538KN
0
°C to +70°C
±1 LSB
±4 LSB
N-24
AD7538JR
0
°C to +70°C
±2 LSB
±8 LSB
R-24
AD7538KR
0
°C to +70°C
±1 LSB
±4 LSB
R-24
AD7538AQ
–25
°C to +85°C
±2 LSB
±8 LSB
Q-24
AD7538BQ
–25
°C to +85°C
±1 LSB
±4 LSB
Q-24
AD7538SQ
–55
°C to +125°C
±2 LSB
±8 LSB
Q-24
AD7538TQ
–55
°C to +125°C
±1 LSB
±4 LSB
Q-24
*N = Plastic DIP; Q = Cerdip; R = SOIC.
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Description
11VREF
Voltage Reference.
12RFB
Feedback Resistor. Used to close the loop around an external op amp.
13IOUT
Current Output Terminal.
14
AGND
Analog Ground
15
DGND
Digital Ground
6–19
DB13–DB0
Data Inputs. Bit 13 (MSB) to Bit 0 (LSB).
20
LDAC
Chip Select Input. Active LOW.
21
CS
Asynchronous Load DAC Input. Active LOW.
22
WR
Write Input. Active LOW.
CS
LDAC
WR
OPERATION
0
1
0
Load Input Register.
1
0
X
Load DAC Register from Input Register.
0
0
0
Input and DAC Registers are Transparent.
1
1
X
No Operation.
X
1
1
No Operation.
NOTE: X Don’t Care.
23
VDD
+12 V to +15 V supply input.
24
VSS
Bias pin for High Temperature Low Leakage configuration. To implement low leakage
system, the pin should be at a negative voltage. See Figures 4 and 5 for recommended circuitry.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com