Electronic Components Datasheet Search
  English  ▼

X  

AD7503SE Datasheet(PDF) 2 Page - Analog Devices

Part # AD7503SE
Description  CMOS 4/8 Channel Analog Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7503SE Datasheet(HTML) 2 Page - Analog Devices

  AD7503SE Datasheet HTML 1Page - Analog Devices AD7503SE Datasheet HTML 2Page - Analog Devices AD7503SE Datasheet HTML 3Page - Analog Devices AD7503SE Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
–2–
REV. B
AD7501/AD7502/AD7503–SPECIFICATIONS
Over Specified
@ +25
°C
Temperature Range
Switch
AD7501,
Parameter
Version
1
Condition
AD7501, AD7503
AD7502
AD7503
AD7502
Test Conditions
ANALOG SWITCH
RON
All
ON
170
Ω typ, 300 Ω max
170
Ω typ, 300 Ω max
–10 V
≤ VS ≤ +10 V
RON vs. VS
All
ON
20% typ
20% typ
IS = 1.0 mA
RON vs. Temperature
All
ON
0.5%/
°C typ
0.5%/
°C typ
VS = 0 V, IS = 1.0 mA
∆RON Between Switches
All
ON
4% typ
4% typ
RON vs. Temperature Between
Switches
All
ON
± 0.01%/°C
± 0.01%/°C
IS
K
OFF
0.2 nA typ, 2 nA max
0.2 nA typ, 2 nA max
50 nA max
50 nA max
VS = –10 V, VOUT = +10 V and
S
OFF
0.5 nA max
0.5 nA max
50 nA max
50 nA max
VS = +10 V, VOUT = –10 V
IOUT
K
OFF
1 nA typ, 10 nA max
0.6 nA typ, 5 nA max
250 nA max
125 nA max
VS = –10 V, VOUT = +10 V and
VS = +10 V, VOUT = –10 V
S
OFF
5 nA max
3 nA max
250 nA max
125 nA max
AD7501/02: Enable LOW
AD7503: Enable HIGH
|IOUT – IS|K
ON
12 nA max
7 nA max
300 nA max
175 nA max
VS = 0
SON
5.5 nA max
3.5 nA max
300 nA max
175 nA max
DIGITAL CONTROL
VINL
All
0.8 V max
0.8 V max
VINH
All
2.4 V min
2.4 V min
IINL or IINH
All
10 nA typ
10 nA typ
CIN
All
3 pF typ
3 pF typ
DYNAMIC CHARACTERISTICS
tON
All
0.8
µs typ
0.8
µs typ
VIN = 0 to +5.0 V
tOFF
All
0.8
µs typ
0.8
µs typ
(See Test Circuit 2)
CS
All
OFF
5 pF typ
5 pF typ
COUT
All
OFF
30 pF typ
15 pF typ
CSOUT
All
OFF
0.5 pF typ
0.5 pF typ
CSS Between Any Two Switches
All
OFF
0.5 pF typ
0.5 pF typ
POWER SUPPLY
IDD
All
500
µA max
500
µA max
500
µA max
500
µA max
All Digital Inputs Low
ISS
All
500
µA max
500
µA max
500
µA max
500
µA max
IDD
All
800
µA max
800
µA max
800
µA max
800
µA max
All Digital Inputs High
ISS
All
800
µA max
800
µA max
800
µA max
800
µA max
NOTES
1KN version specified for 0°C to +70°C, KQ version for –25°C to +85°C; and SQ, SE versions for –55°C to +125°C.
Specifications subject to change without notice.
(VDD = +15 V, VSS = –15 V unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
(TA = +25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +17 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –17 V
V Between Any Switch Terminals
1
. . . . . . . . . . . . . . . . . 25 V
Digital Input Voltage Range . . . . . . . . . . . . . . . VDD to GND
Overvoltage at VOUT (VS) . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Switch Current (IS, Continuous One Channel) . . . . . . .35 mA
Switch Current (IS, Surge One Channel)
1 ms Duration, 10% Duty Cycle . . . . . . . . . . . . . . . 50 mA
Power Dissipation (Any Package)
Up to +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature
Commercial (KN Version) . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (KQ Version) . . . . . . . . . . . . . . . –25
°C to +85°C
Extended (SQ, SE Versions) . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
CAUTION
1Do not apply voltages higher than V
DD and VSS to any other terminal, especially
when VSS = VDD = 0 V all other pins should be at 0 V.
2The digital control inputs are diode protected; however, permanent damage may
occur on unconnected units under high energy electrostatic fields. Keep unused
units in conductive foam at all times.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7501, AD7502, and AD7503 feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com