Electronic Components Datasheet Search
  English  ▼

X  

HC10 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC10
Description  10kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC10 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC10 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10kV 1.0A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
HC10
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HC10
HC10
9.0
5.0
0.5
50
10
pF
HVCA
TM
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Outline Drawings : mm
HC10
Cathode Mark
Type
Mark
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
HVCA
HC10


Similar Part No. - HC10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC102 ETC2-HC102 Datasheet
92Kb / 1P
Tie Mount
logo
Multicomp Pro
HC102 MULTICOMP-HC102 Datasheet
174Kb / 1P
Tie Mount
09/06/22 V1.0
HC102BK MULTICOMP-HC102BK Datasheet
161Kb / 1P
Tie Mount, Adhesive Screw Black
23/06/22 V1.0
logo
List of Unclassifed Man...
HC103M2 ETC2-HC103M2 Datasheet
249Kb / 2P
Fast High End Humidity Sensors for Radiosondes / Registering Balloons
logo
E+E Elektronik Ges.m.b....
HC103M2 EPLUSE-HC103M2 Datasheet
427Kb / 2P
Very Fast Humidity Sensor for Radiosondes
v1.4
More results

Similar Description - HC10

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HVC10F GETEDZ-HVC10F Datasheet
72Kb / 1P
10kV 200mA HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
600mA 10kV HIGH VOLTAGE DIODES
HVQL10MB100D GETEDZ-HVQL10MB100D Datasheet
471Kb / 1P
1.0A 10kV--High Voltage Bridge Rectifier
HVQL10MB100G GETEDZ-HVQL10MB100G Datasheet
472Kb / 1P
1.0A 10kV--High Voltage Bridge Rectifier
2CL72 GETEDZ-2CL72_16 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HVP10 GETEDZ-HVP10 Datasheet
159Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HC10 GETEDZ-HC10_16 Datasheet
161Kb / 1P
10kV 1.0A HIGH VOLTAGE DIODES
HV10G10 GETEDZ-HV10G10 Datasheet
619Kb / 2P
10mA 10kV 100nS-- High Voltage Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com