Electronic Components Datasheet Search
  English  ▼

X  

HC20 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC20
Description  20kV 0.6A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC20 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC20 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20kV 0.6A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
HC20
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
0.6
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HC20
HC20
18.0
5.0
0.5
50
20
pF
HVCA
TM
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)
Features
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Outline Drawings : mm
HC20
Cathode Mark
Type
Mark
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Rectifier Blocks
High Voltage
Mounting
Slots
HC-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
HVCA
HC20


Similar Part No. - HC20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC20 TI-HC20 Datasheet
521Kb / 16P
DUAL 4-INPUT POSITIVE-NAND GATES
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
HIGH-PERFORMANCE CMOS GATE ARRAY
logo
auris-GmbH
HC2016 AURIS-HC2016 Datasheet
55Kb / 1P
Quartz SMD, Ceramic
HC2016/4 AURIS-HC2016/4 Datasheet
55Kb / 1P
Quartz SMD, Ceramic
logo
WORLDSEMI CO., LIMITED
HC202S WORLDSEMI-HC202S Datasheet
93Kb / 2P
Controller Specification
More results

Similar Description - HC20

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL77 GETEDZ-2CL77 Datasheet
78Kb / 1P
5mA 20kV HIGH VOLTAGE DIODES
HVP-20 GETEDZ-HVP-20 Datasheet
127Kb / 1P
20kV 750mA HIGH VOLTAGE DIODES
HVRT200 GETEDZ-HVRT200 Datasheet
98Kb / 1P
20kV 30mA HIGH VOLTAGE DIODES
G20FP GETEDZ-G20FP Datasheet
68Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
SHV-20 GETEDZ-SHV-20 Datasheet
68Kb / 1P
20kV 5mA HIGH VOLTAGE DIODES
HV600S20 GETEDZ-HV600S20 Datasheet
68Kb / 1P
400mA 20kV HIGH VOLTAGE DIODES
G20FP GETEDZ-G20FP_16 Datasheet
72Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
2CL77 GETEDZ-2CL77_16 Datasheet
78Kb / 1P
5mA 20kV HIGH VOLTAGE DIODES
HVP20 GETEDZ-HVP20 Datasheet
159Kb / 1P
20kV 750mA HIGH VOLTAGE DIODES
HC20 GETEDZ-HC20_16 Datasheet
161Kb / 1P
20kV 1.0A HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com