Electronic Components Datasheet Search
  English  ▼

X  

SHV-06 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # SHV-06
Description  6kV 5mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

SHV-06 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  SHV-06 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
6kV 5mA HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
SHV-06
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5.0
120
120
-40 to +120
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
Outline Drawings : mm
SHV-06
Cathode Mark
27 min.
27 min.
6.5
o 2.5
o 0.5
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
1.0
Type
SHV-06
SHV-06
20
5.0
2.0
0.5
6.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
100
nS
=IF(AV)
The SHV series of diodes have been miniaturized
by resin on the assumption fo remolding. Measures
against creeping discharge and humidity stress must
be taken when using these diodes.


Similar Part No. - SHV-06

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SHV-06 SUNMATE-SHV-06 Datasheet
197Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
Sanken electric
SHV-06EN SANKEN-SHV-06EN Datasheet
43Kb / 2P
High-Voltage Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
SHV-06EN GETEDZ-SHV-06EN Datasheet
620Kb / 2P
5.0mA 6.0kV 100nS--High Frequency High Voltage Diodes
logo
EIC discrete Semiconduc...
SHV-06HN EIC-SHV-06HN Datasheet
120Kb / 1P
HIGH VOLTAGE RECTIFIER DIODE
logo
Sanken electric
SHV-06JN SANKEN-SHV-06JN Datasheet
146Kb / 5P
High Voltage Rectifier Diode
More results

Similar Description - SHV-06

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL70 GETEDZ-2CL70 Datasheet
69Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
SHV-14 GETEDZ-SHV-14 Datasheet
68Kb / 1P
14kV 5mA HIGH VOLTAGE DIODES
SHV-20 GETEDZ-SHV-20 Datasheet
68Kb / 1P
20kV 5mA HIGH VOLTAGE DIODES
SHV-24 GETEDZ-SHV-24 Datasheet
68Kb / 1P
24kV 5mA HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04_16 Datasheet
71Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
2CL70 GETEDZ-2CL70_16 Datasheet
71Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
2CL70A GETEDZ-2CL70A Datasheet
71Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com