Electronic Components Datasheet Search
  English  ▼

X  

AD7564 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7564
Description  LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7564 Datasheet(HTML) 4 Page - Analog Devices

  AD7564 Datasheet HTML 1Page - Analog Devices AD7564 Datasheet HTML 2Page - Analog Devices AD7564 Datasheet HTML 3Page - Analog Devices AD7564 Datasheet HTML 4Page - Analog Devices AD7564 Datasheet HTML 5Page - Analog Devices AD7564 Datasheet HTML 6Page - Analog Devices AD7564 Datasheet HTML 7Page - Analog Devices AD7564 Datasheet HTML 8Page - Analog Devices AD7564 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
AD7564
–4–
Parameter
A Grade
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
3.5
µs typ
To 0.01% of Full-Scale Range. VREF = 0 V. DAC Latch Alter-
nately Loaded with all 0s and all 1s.
Digital to Analog Glitch Impulse
35
nV-s typ
Measured with VIOUT2 = 0 V and VREF = 0 V. DAC Register Alter-
nately Loaded with all 0s and all 1s.
Multiplying Feedthrough Error
–70
dB max
DAC Latch Loaded with all 0s.
Output Capacitance
100
pF max
All 1s Loaded to DAC
40
pF max
All 0s Loaded to DAC
Digital Feedthrough
5
nV-s typ
Feedthrough to Any DAC Output with FSIN HIGH and a Square
Wave Applied to SDIN and CLKIN
Total Harmonic Distortion
–76
dB typ
Output Noise Spectral Density
@ 1 kHz
20
nV/
√Hz typ All 1s Loaded to DAC. V
IOUT2 = 0 V; VREF = 0 V
(VDD = +3 V to +5.5 V; VIOUT1 = VIOUT2 = 1.23 V; AGND = 0 V. VREF = 1 kHz, 2.45 V p-p, sine wave biased at 1.23 V; DAC
output op amp is AD820; TA = TMIN to TMAX, unless otherwise noted. These characteristics are included for Design
Guidance and are not subject to test.)
Biased Mode
AC Performance Characteristics
Parameter
B Grade
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
550
ns typ
To 0.01% of Full-Scale Range. DAC Latch Alternately Loaded
with All 0s and All 1s
Digital-to-Analog Glitch Impulse
35
nV-s typ
Measured with VREF = 0 V. DAC Register Alternately Loaded
with All 0s and All 1s
Multiplying Feedthrough Error
–70
dB max
VREF = 20 V p-p, 10 kHz Sine Wave. DAC Latch Loaded
with All 0s
Output Capacitance
60
pF max
All 1s Loaded to DAC
30
pF max
All 0s Loaded to DAC
Channel-to-Channel Isolation
–76
dB typ
Feedthrough from Any One Reference to the Others with
20 V p-p, 10 kHz Sine Wave Applied
Digital Crosstalk
5
nV-s typ
Effect of All 0s to All 1s Code Transition on Nonselected DACs
Digital Feedthrough
5
nV-s typ
Feedthrough to Any DAC Output with FSIN High and Square
Wave Applied to SDIN and SCLK
Total Harmonic Distortion
–83
dB typ
VREF = 6 V rms, 1 kHz Sine Wave
Output Noise Spectral Density
@ 1 kHz
30
nV/
√Hz typ All 1s Loaded to the DAC. V
REF = 0 V. Output Op Amp Is
ADOP07
Normal Mode
(VDD = +4.75 V to +5.25 V; VIOUT1 = VIOUT2 = AGND = 0 V. VREF = 6 V rms, 1 kHz sine wave; DAC output op amp is
AD843; TA = TMIN to TMAX, unless otherwise noted. These characteristics are included for Design Guidance and are
not subject to test.)
AC Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com