Electronic Components Datasheet Search
  English  ▼

X  

MTCH6301 Datasheet(PDF) 13 Page - Microchip Technology

Part # MTCH6301
Description  The MTCH6301 is a turnkey projected capacitive con-troller that allows easy integration of multi-touch and gestures to create a rich user interface in your design.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MTCH6301 Datasheet HTML 9Page - Microchip Technology MTCH6301 Datasheet HTML 10Page - Microchip Technology MTCH6301 Datasheet HTML 11Page - Microchip Technology MTCH6301 Datasheet HTML 12Page - Microchip Technology MTCH6301 Datasheet HTML 13Page - Microchip Technology MTCH6301 Datasheet HTML 14Page - Microchip Technology MTCH6301 Datasheet HTML 15Page - Microchip Technology MTCH6301 Datasheet HTML 16Page - Microchip Technology MTCH6301 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2012 Microchip Technology Inc.
DS41663A-page 13
MTCH6301 PROJECTED CAPACITIVE TOUCH CONTROLLER
FIGURE 5-3:
WRITE REGISTER COMMAND
FIGURE 5-4:
READ REGISTER COMMAND
5.6.2
MANUFACTURING TEST
The manufacturing test ensures electrical functionality
of the sensor. This test performs the following checks
on all mapped sensor pins: short to VDD, Short to GND,
and pin-to-pin short.
If an I/O error is reported, bits for the pins in question
will be set in the “TX Short Status” and “RX Short Sta-
tus” registers.
Please note that:
1.
The RX7/RX8 pins will always report an error.
2.
If the sensor has more than 16 TX channels,
then channels 17 and 18 will never report an
error.
FIGURE 5-5:
MANUFACTURING TEST
0x55
0x04
0x15
[D0]
[D1]
[D2]
0x55
0x02 0x00
0x15
Master Command
Controller Response
D0 = Index Location
D1 = Offset Location
D2 = Value to Write to Specified Register
0x55
0x03
0x16
[D0]
[D1]
0x55
0x03
0x00 0x16
[D2]
Master Command
Controller Response
D0 = Index Location
D1 = Offset Location
D2 = Read Value at Specified Register
0x55
0x01
0x1A 0x55
0x03
0x00
0x1A
[D0]
Master Command
Controller Response
D0 = Result; 0 = success, 1 = I/O error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com