Electronic Components Datasheet Search
  English  ▼

X  

PCA9554B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9554B
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9554B Datasheet HTML 6Page - NXP Semiconductors PCA9554B Datasheet HTML 7Page - NXP Semiconductors PCA9554B Datasheet HTML 8Page - NXP Semiconductors PCA9554B Datasheet HTML 9Page - NXP Semiconductors PCA9554B Datasheet HTML 10Page - NXP Semiconductors PCA9554B Datasheet HTML 11Page - NXP Semiconductors PCA9554B Datasheet HTML 12Page - NXP Semiconductors PCA9554B Datasheet HTML 13Page - NXP Semiconductors PCA9554B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
PCA9554B_PCA9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 19 September 2012
10 of 36
NXP Semiconductors
PCA9554B; PCA9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
7.2 Read commands
To read data from the PCA9554B/PCA9554C, the bus master must first send the
PCA9554B/PCA9554C address with the least significant bit set to a logic 0 (see Figure 4
for device address). The command byte is sent after the address and determines which
register is to be accessed.
After a restart the device address is sent again, but this time the LSB is set to a logic 1.
Data from the register defined by the command byte then is sent by the
PCA9554B/PCA9554C (see Figure 9 and Figure 10).
Data is clocked into the register on the rising edge of the ACK clock pulse. There is no
limit on the number of data bytes received in one read transmission, but on the final byte
received the bus master must not acknowledge the data.
(1) PCA9554B address shown. Address for PCA9554C is 0111,A2,A1,A0.
Fig 9.
Read from register
A
S
START condition
R/W
acknowledge from slave
002aah126
A
acknowledge from slave
SDA
A
P
acknowledge
from master
DATA (first byte)
slave address(1)
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
1
0
0
A2 A1 A0
1
A
0
R/W
acknowledge
from slave
slave address(1)
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
COMMAND BYTE
1
0
0
A2 A1 A0
0
0
data from register
DATA (last byte)
data from register
Transfer of data can be stopped at any time by a STOP condition. When this occurs, data present at the latest acknowledge
phase is valid (output mode). It is assumed that the command byte has previously been programmed with 00h (read Input port
register).
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address call and
actual data transfer from P port (see Figure 9).
(1) PCA9554B address shown. Address for PCA9554C is 0111,A2,A1,A0.
Fig 10. Read Input port register
1
0
0
A2 A1 A0
1
A
S0
slave address(1)
START condition
R/W
acknowledge from slave
002aah127
data from port
A
acknowledge from master
SDA
1
no acknowledge
from master
read from
port
data into
port
data from port
DATA 1
DATA 4
INT
DATA 4
DATA 2
DATA 3
P
STOP
condition
tv(INT)
trst(INT)
th(D)
tsu(D)
12345678
SCL
9
DATA 1
DATA 5
INT is cleared by
read from port
STOP not needed
to clear INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com