Electronic Components Datasheet Search
  English  ▼

X  

AD7575 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7575
Description  LC2MOS 5 us 8-Bit ADC with Track/Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7575 Datasheet(HTML) 2 Page - Analog Devices

  AD7575 Datasheet HTML 1Page - Analog Devices AD7575 Datasheet HTML 2Page - Analog Devices AD7575 Datasheet HTML 3Page - Analog Devices AD7575 Datasheet HTML 4Page - Analog Devices AD7575 Datasheet HTML 5Page - Analog Devices AD7575 Datasheet HTML 6Page - Analog Devices AD7575 Datasheet HTML 7Page - Analog Devices AD7575 Datasheet HTML 8Page - Analog Devices AD7575 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
AD7575–SPECIFICATIONS
(VDD = +5 V, VREF = +1.23 V, AGND = DGND = 0 V; fCLK = 4 MHz external;
all specifications TMIN to TMAX unless otherwise noted)
Parameter
J, A Versions
1
K, B Versions
S Version
T Version
Units
Conditions/Comments
ACCURACY
Resolution
8
8
8
8
Bits
Total Unadjusted Error
±2
±1
±2
±1
LSB max
Relative Accuracy
±1
±1/2
±1
±1/2
LSB max
Minimum Resolution for Which
No Missing Codes Is Guaranteed
8
8
8
8
Bits max
Full-Scale Error
+25
°C
±1
±1
±1
±1
LSB max
Full-Scale TC Is Typically 5 ppm/
°C
TMIN to TMAX
±1
±1
±1
±1
LSB max
Offset Error
2
+25
°C
±1/2
±1/2
±1/2
±1/2
LSB max
Offset TC Is Typically 5 ppm/
°C
TMIN to TMAX
±1/2
±1/2
±1/2
±1/2
LSB max
ANALOG INPUT
Voltage Range
0 to 2 VREF
0 to 2 VREF
0 to 2 VREF 0 to 2 VREF
Volts
1 LSB = 2 VREF/256; See Figure 16
DC Input Impedance
10
10
10
10
M
Ω min
Slew Rate, Tracking
0.386
0.386
0.386
0.386
V/
µs max
SNR
3
45
45
45
45
dB min
VIN = 2.46 V p-p @ 10 kHz; See Figure 11
REFERENCE INPUT
VREF (For Specified Performance)
1.23
1.23
1.23
1.23
Volts
±5%
IREF
500
500
500
500
µA max
LOGIC INPUTS
CS, RD
VINL, Input Low Voltage
0.8
0.8
0.8
0.8
V max
VINH, Input High Voltage
2.4
2.4
2.4
2.4
V min
IIN, Input Current
+25
°C
±1
±1
±1
±1
µA max
VIN = 0 or VDD
TMIN to TMAX
±10
±10
±10
±10
µA max
VIN = 0 or VDD
CIN, Input Capacitance
3
10
10
10
10
pF max
CLK
VlNL, Input Low Voltage
0.8
0.8
0.8
0.8
V max
VINH, Input High Voltage
2.4
2.4
2.4
2.4
V min
IINL, Input Low Current
700
700
800
800
µA max
VINL = 0 V
IINH, Input High Current
700
700
800
800
µA max
VINH = VDD
LOGIC OUTPUTS
BUSY, DB0 to DB7
VOL, Output Low Voltage
0.4
0.4
0.4
0.4
V max
ISINK = 1.6 mA
VOH, Output High Voltage
4.0
4.0
4.0
4.0
V min
ISOURCE = 40 µA
DB0 to DB7
Floating State Leakage Current
±1
±1
±10
±10
µA max
VOUT = 0 to VDD
Floating State Output Capacitance
3
10
10
10
10
pF max
CONVERSION TIME
4
With External Clock
5
5
5
5
µsf
CLK = 4 MHz
With Internal Clock, TA = +25°C5
5
5
5
µs min
Using Recommended Clock
15
15
15
15
µs max
Components Shown in Figure 15
POWER REQUIREMENTS
5
VDD
+5
+5
+5
+5
Volts
±5% for Specified Performance
IDD
6
6
7
7
mA max
Typically 3 mA with VDD = +5 V
Power Dissipation
15
15
15
15
mW typ
Power Supply Rejection
±1/4
±1/4
±1/4
±1/4
LSB max
4.75 V
≤ V
DD ≤ 5.25 V
NOTES
1Temperature ranges are as follows:
J, K Versions; 0
°C to +70°C
A, B Versions; –25
°C to +85°C
S, T Versions; –55
°C to +125°C
2Offset error is measured with respect to an ideal first code transition that occurs at 1/2 LSB.
3Sample tested at +25
°C to ensure compliance.
4Accuracy may degrade at conversion times other than those specified.
5Power supply current is measured when AD7575 is inactive i.e., when CS = RD = BUSY = logic HIGH.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com