Electronic Components Datasheet Search
  English  ▼

X  

PCAL9535A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCAL9535A
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9535A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCAL9535A Datasheet HTML 5Page - NXP Semiconductors PCAL9535A Datasheet HTML 6Page - NXP Semiconductors PCAL9535A Datasheet HTML 7Page - NXP Semiconductors PCAL9535A Datasheet HTML 8Page - NXP Semiconductors PCAL9535A Datasheet HTML 9Page - NXP Semiconductors PCAL9535A Datasheet HTML 10Page - NXP Semiconductors PCAL9535A Datasheet HTML 11Page - NXP Semiconductors PCAL9535A Datasheet HTML 12Page - NXP Semiconductors PCAL9535A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
PCAL9535A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2012
9 of 46
NXP Semiconductors
PCAL9535A
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
6.2.6 Output drive strength register pairs (40h, 41h, 42h, 43h)
The Output drive strength registers control the output drive level of the GPIO. Each GPIO
can be configured independently to a certain output current level by two register control
bits. For example, Port 0.7 is controlled by register 41 bits CC0.7 (bits [7:6]), Port 0.6 is
controlled by register 41 CC0.6(bits [5:4]). The output drive level of the GPIO is
programmed 00b = 0.25
, 01b = 0.50, 10b = 0.75, or 11b = 1 of the maximum drive
capability of the I/O. See Section 8.2 “Output drive strength control”. A register pair write is
described in Section 7.1 and a register pair read is described in Section 7.2.
6.2.7 Input latch register pair (44h, 45h)
The input latch registers (registers 44 and 45) enable and disable the input latch of the I/O
pins. These registers are effective only when the pin is configured as an input port. When
an input latch register bit is 0, the corresponding input pin state is not latched. A state
change of the corresponding input pin generates an interrupt. A read of the input register
clears the interrupt. If the input goes back to its initial logic state before the input port
register is read, then the interrupt is cleared.
When an input latch register bit is 1, the corresponding input pin state is latched. A change
of state in the input generates an interrupt and the input logic value is loaded into the
corresponding bit of the input port register (registers 0 and 1). A read of the input port
register clears the interrupt. If the input pin returns to its initial logic state before the input
port register is read, then the interrupt is not cleared and the corresponding bit of the input
port register keeps the logic value that initiated the interrupt. See Figure 12 “Read input
port register (latch enabled), scenario 3”.
For example, if the P0_4 input was as logic 0 and the input goes to logic 1 then back to
logic 0, the input port 0 register will capture this change and an interrupt is generated (if
unmasked). When the read is performed on the input port 0 register, the interrupt is
Table 13.
Current control port 0 register (address 40h)
Bit
7
6
5
4
3
2
1
0
Symbol
CC0.3
CC0.2
CC0.1
CC0.0
Default
11
11
11
11
Table 14.
Current control port 0 register (address 41h)
Bit
7
6
5
4
3
2
1
0
Symbol
CC0.7
CC0.6
CC0.5
CC0.4
Default
11
11
11
11
Table 15.
Current control port 1 register (address 42h)
Bit
7
6
5
4
3
2
1
0
Symbol
CC1.3
CC1.2
CC1.1
CC1.0
Default
11
11
11
11
Table 16.
Current control port 1 register (address 43h)
Bit
7
6
5
4
3
2
1
0
Symbol
CC1.7
CC1.6
CC1.5
CC1.4
Default
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com