Electronic Components Datasheet Search
  English  ▼

X  

PCAL9539A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCAL9539A
Description  Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9539A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCAL9539A Datasheet HTML 3Page - NXP Semiconductors PCAL9539A Datasheet HTML 4Page - NXP Semiconductors PCAL9539A Datasheet HTML 5Page - NXP Semiconductors PCAL9539A Datasheet HTML 6Page - NXP Semiconductors PCAL9539A Datasheet HTML 7Page - NXP Semiconductors PCAL9539A Datasheet HTML 8Page - NXP Semiconductors PCAL9539A Datasheet HTML 9Page - NXP Semiconductors PCAL9539A Datasheet HTML 10Page - NXP Semiconductors PCAL9539A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
PCAL9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 October 2012
7 of 48
NXP Semiconductors
PCAL9539A
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
6.2.2 Input port register pair (00h, 01h)
The Input port registers (registers 0 and 1) reflect the incoming logic levels of the pins,
regardless of whether the pin is defined as an input or an output by the Configuration
register. The Input port registers are read only; writes to these registers have no effect.
The default value ‘X’ is determined by the externally applied logic level. An Input port
register read operation is performed as described in Section 7.2 “Reading the port
registers”.
6.2.3 Output port register pair (02h, 03h)
The Output port registers (registers 2 and 3) show the outgoing logic levels of the pins
defined as outputs by the Configuration register. Bit values in these registers have no
effect on pins defined as inputs. In turn, reads from these registers reflect the value that
was written to these registers, not the actual pin value. A register pair write is described in
Section 7.1 and a register pair read is described in Section 7.2.
Table 5.
Input port 0 register (address 00h)
Bit
7
6
5
4
3
2
1
0
Symbol
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
I0.0
Default
XX
XX
XX
XX
Table 6.
Input port 1 register (address 01h)
Bit
7
6
5
4
3
2
1
0
Symbol
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
Default
XX
XX
XX
XX
Table 7.
Output port 0 register (address 02h)
Bit
7
6
5
4
3
2
1
0
Symbol
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
Default
11
11
11
11
Table 8.
Output port 1 register (address 03h)
Bit
7
6
5
4
3
2
1
0
Symbol
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
Default
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com