Electronic Components Datasheet Search
  English  ▼

X  

3KP Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # 3KP
Description  Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

3KP Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  3KP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION 3KP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION 3KP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION 3KP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PACKAGE DIMENSIONS
L
L
T
d
s
DIA.
DIA.
P600
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
8.60
9.10
0.340
0.360
d
8.60
9.10
0.340
0.360
s
1.22
1.32
0.048
0.052
SPECIFICATIONS
Transient
3KP Series
MERITEK
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
MIN.@IT
Breakdown
Voltage
MAX.@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
3KP5.0A
3KP5.0CA
5.0
6.40
7.00
50
9.2
326.1
5000
3KP6.0A
3KP6.0CA
6.0
6.67
7.37
50
10.3
291.3
5000
3KP6.5A
3KP6.5CA
6.5
7.22
7.98
50
11.2
267.9
2000
3KP7.0A
3KP7.0CA
7.0
7.78
8.60
50
12.0
250.0
1000
3KP7.5A
3KP7.5CA
7.5
8.33
9.21
5
12.9
232.6
250
3KP8.0A
3KP8.0CA
8.0
8.89
13.6
220.6
150
3KP8.5A
3KP8.5CA
8.5
9.44
10.40
5
14.4
208.3
50
3KP9.0A
3KP9.0CA
9.0
10.00
11.10
5
15.4
194.8
20
3KP10A
3KP10CA
10.0
11.10
12.30
5
17.0
176.5
15
3KP11A
3KP11CA
11.0
12.20
13.50
5
18.2
164.8
2
3KP12A
3KP12CA
12.0
13.30
14.70
5
19.9
150.8
2
3KP13A
3KP13CA
13.0
14.40
15.90
5
21.5
139.5
2
3KP14A
3KP14CA
14.0
15.60
17.20
5
23.2
129.3
2
3KP15A
3KP15CA
15.0
16.70
18.50
5
24.4
123.0
2
3KP16A
3KP16CA
16.0
17.80
19.70
5
26.0
115.4
2
9.83
5
2
Rev 7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com