Electronic Components Datasheet Search
  English  ▼

X  

AO4425 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4425
Description  38V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4425 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4425_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4425_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4425_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4425_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO4425
Symbol
Min
Typ
Max
Units
BVDSS
-38
V
-100
TJ=55°C
-500
±1
µA
±10
µA
VGS(th)
-2
-2.5
-3.5
V
ID(ON)
-50
A
7.7
10
TJ=125°C
11
13.5
8.8
11
m
Ω
gFS
43
S
VSD
0.71
1
V
IS
4.2
A
Ciss
3800
pF
Coss
560
pF
Crss
350
pF
Rg
7.5
Ω
Qg
63
nC
Qgs
14.1
nC
Qgd
16.1
nC
tD(on)
12.4
ns
tr
9.2
ns
tD(off)
97.5
ns
tf
45.5
ns
trr
35
ns
Qrr
33
nC
-15
-12.8
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VDS=0V, VGS=±25V
Body Diode Reverse Recovery Time
VGS=0V, VDS=-20V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-10V, VDS=-20V, ID=-14A
Gate Source Charge
Gate Drain Charge
RDS(ON)
Static Drain-Source On-Resistance
Body Diode Reverse Recovery Charge IF=-14A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-10V, VDS=-5V
VGS=-20V, ID=-14A
Reverse Transfer Capacitance
IF=-14A, dI/dt=100A/µs
Forward Transconductance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
nA
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-30V, VGS=0V
Zero Gate Voltage Drain Current
IGSS
Gate-Body leakage current
VDS=0V, VGS=±20V
Diode Forward Voltage
m
Ω
VGS=-10V, ID=-14A
IS=-1A,VGS=0V
VDS=-5V, ID=-14A
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-20V, RL=1.35Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev 3 : Nov. 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com