Electronic Components Datasheet Search
  English  ▼

X  

AO4443 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4443
Description  40V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4443 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4443_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4443_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4443_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4443_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4443_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4443
Symbol
Min
Typ
Max
Units
BVDSS
-40
V
VDS=-40V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-1.5
-2
-2.6
V
ID(ON)
40
A
35
42
TJ=125°C
53
65
46.5
63
m
Ω
gFS
17
S
VSD
-0.76
-1
V
IS
-3.5
A
Ciss
750
940
1175
pF
Coss
97
pF
Crss
72
pF
Rg
7
14
21
Ω
Qg(10V)
17.3
22
nC
Qg(4.5V)
8.4
11
Qgs
3.2
nC
Qgd
4.3
nC
tD(on)
10.3
ns
t
4.3
ns
VGS=0V, VDS=-20V, f=1MHz
SWITCHING PARAMETERS
VDS=VGS ID=-250µA
VGS=-4.5V, ID=-5A
Forward Transconductance
VGS=-10V, ID=-6A
Reverse Transfer Capacitance
Maximum Body-Diode Continuous Current
m
Ω
V
=-10V, V =-20V,
DYNAMIC PARAMETERS
Turn-On DelayTime
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VDS=-5V, ID=-6A
RDS(ON)
Static Drain-Source On-Resistance
Total Gate Charge
VGS=-10V, VDS=-20V, ID=-6A
Gate Source Charge
Gate Drain Charge
IS=-1A,VGS=0V
Diode Forward Voltage
Input Capacitance
Output Capacitance
Turn-On Rise Time
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-10V, VDS=-5V
VDS=0V, VGS=±20V
Gate-Body leakage current
tr
4.3
ns
tD(off)
39
ns
tf
46.5
ns
trr
17
24
ns
Qrr
11.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
IF=-6A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=-6A, dI/dt=100A/µs
VGS=-10V, VDS=-20V,
RL=3.35Ω, RGEN=3Ω
Turn-Off DelayTime
Turn-Off Fall Time
Turn-On Rise Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 4: August 2011
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com