Electronic Components Datasheet Search
  English  ▼

X  

AD768 Datasheet(PDF) 5 Page - Analog Devices

Part # AD768
Description  16-Bit, 30 MSPS D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD768 Datasheet(HTML) 5 Page - Analog Devices

  AD768 Datasheet HTML 1Page - Analog Devices AD768 Datasheet HTML 2Page - Analog Devices AD768 Datasheet HTML 3Page - Analog Devices AD768 Datasheet HTML 4Page - Analog Devices AD768 Datasheet HTML 5Page - Analog Devices AD768 Datasheet HTML 6Page - Analog Devices AD768 Datasheet HTML 7Page - Analog Devices AD768 Datasheet HTML 8Page - Analog Devices AD768 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD768
REV. B
–5–
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (+25
°C) value to the value at either T
MIN or TMAX. For
offset and gain drift, the drift is reported in ppm of full-scale
range (FSR) per degree C. For reference drift, the drift is re-
ported in ppm per degree C.
Power Supply Rejection
The maximum change in the full-scale output as the supplies
are varied from nominal to minimum and maximum specified
voltages.
Settling Time
The time required for the output to reach and remain within a
specified error band about its final value, measured from the
start of the output transition.
Spurious-Free Dynamic Range
The difference, in dB, between the rms amplitude of the
input signal and the peak spurious signal over the specified
bandwidth.
Total Harmonic Distortion
THD is the ratio of the rms sum of the first six harmonic com-
ponents to the rms value of the measured input signal. It is ex-
pressed as a percentage or in decibels (dB).
Glitch Impulse
Asymmetrical switching times in a DAC give rise to undesired
output transients which are quantified by a glitch impulse. It is
specified as the net area of the glitch in pV-sec.
DEFINITIONS OF SPECIFICATIONS
Linearity Error (Also Called Integral Nonlinearity or INL)
Linearity error is defined as the maximum deviation of the ac-
tual analog output from the ideal output, determined by a
straight line drawn from zero to full scale.
Differential Nonlinearity (or DNL)
DNL is the measure of the variation in analog value, normalized
to full scale, associated with a 1 LSB change in digital input code.
Monotonicity
A D/A converter is monotonic if the output either increases or
remains constant as the digital input increases.
Offset Error
The deviation of the output current from the ideal of zero is
called offset error. For IOUTA, 0 mA output is expected when
the inputs are all 0s. For IOUTB, 0 mA output is expected
when all inputs are set to 1s.
Gain Error
The difference between the actual and ideal output span. The
actual span is determined by the output when all inputs are set
to 1s minus the output when all inputs are set to 0s. The ideal
output current span is 4
× the current applied to the IREFIN pin.
Output Compliance Range
The range of allowable voltage at the output of a current-output
DAC. Operation beyond the maximum compliance limits may
cause either output stage saturation or breakdown, resulting in
nonlinear performance.
5mA
6
CREFCOMP
1µF
RREF
500
Ω
REFIN
REFOUT
NC
VDD
3
4
+2.5V REF
25
5
REFCOM
1µF
CNR
2
NR
VEE
26
15
1µF
1µF
+5V
–5V
DCOM
RLAD
1k
Ω
RLAD
1k
Ω
IOUTA
IOUTB
LADCOM
1
28
27
50
Ω
RLOAD
50
Ω
IOUTA
IOUTB
SEGMENTED
CURRENT
SOURCES
CURRENT SOURCES
AND R-2R LADDER
CLOCK
21
22
23
24
19
20
13
14
17
18
7
8
9
10
11
12
LATCHES – LOWER 12 BITS
16
MSB DECODE
& LATCHES
CLOCK
AD768
Figure 1. Functional Block Diagram and Basic Hookup
FUNCTIONAL DESCRIPTION
The AD768 is a current-output DAC with a nominal full-scale
current of 20 mA and a 1 k
Ω output impedance. Differential
outputs are provided to support single-ended or differential
applications. The DAC architecture combines segmented cur-
rent sources for the top four bits (MSBs) and a 1 k
Ω R-2R lad-
der for the lower 12 bits (LSBs). The DAC current sources are
implemented with laser-trimmable thin film resistors for excel-
lent dc linearity. A proprietary switching technique is utilized to
reduce glitch energy and maximize dynamic accuracy.
The digital interface offers CMOS compatible edge-triggered
input latches that interface readily to CMOS logic and supports
clock rates up to 40 MSPS. A temperature compensated 2.5 V
bandgap reference is integrated on-chip to drive the AD768 ref-
erence input current with the use of a single external resistor.
The functional block diagram in Figure 1 is a simple representa-
tion of the internal circuitry to aid the understanding of the
AD768’s operation. The DAC transfer function is described,
and followed by a detailed description of each key portion of the
circuit. Typical circuit configurations are shown in the section
APPLYING THE AD768.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com