Electronic Components Datasheet Search
  English  ▼

X  

AD7703 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7703
Description  LC2MOS 20-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7703 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7703 Datasheet HTML 7Page - Analog Devices AD7703 Datasheet HTML 8Page - Analog Devices AD7703 Datasheet HTML 9Page - Analog Devices AD7703 Datasheet HTML 10Page - Analog Devices AD7703 Datasheet HTML 11Page - Analog Devices AD7703 Datasheet HTML 12Page - Analog Devices AD7703 Datasheet HTML 13Page - Analog Devices AD7703 Datasheet HTML 14Page - Analog Devices AD7703 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7703
REV. D
–11–
Table V. AD7703 Output Coding
INPUT VOLTAGE, UNIPOLAR MODE
INPUT VOLTAGE, BIPOLAR MODE
System Cal
Self Cal
Output Codes
Self-Cal
System Cal
>(S
GAIN –1.5 LSB)
>(V
REF – 1.5 LSB)
FFFFF
>(V
REF –1.5 LSB)
>(S
GAIN – 1.5 LSB)
SGAIN – 1.5 LSB
VREF – 1.5 LSB
FFFFF
FFFFE
VREF – 1.5 LSB
SGAIN – 1.5 LSB
(SGAIN – SOFF)/2 – 0.5 LSB
(VREF – VAGND)/2 – 0.5 LSB
80000
7FFFF
VAGND – 0.5 LSB
SOFF – 0.5 LSB
SOFF + 0.5 LSB
VAGND + 0.5 LSB
00001
00000
–VREF + 0.5 LSB
–SGAIN + 2 SOFF + 0.5 LSB
<(S
OFF + 0.5 LSB)
<(V
AGND + 0.5 LSB)
00000
<(–V
REF + 0.5 LSB)
<(–SGAIN +2 SOFF + 0.5 LSB)
updated at a rate determined by the master clock, therefore the
amount of offset drift which occurs will be proportional to the
elapsed time between samples. Thus, to minimize offset drift at
higher temperatures, higher CLKIN rates are recommended.
Gain drift within the converter depends mainly upon the tem-
perature tracking of the internal capacitors. It is not affected by
leakage currents so that it is significantly less than offset drift.
The typical gain drift of the AD7703 is less than 40 LSBs over
the specified temperature range.
Measurement errors due to offset drift or gain drift can be elimi-
nated at any time by recalibrating the converter. Using the sys-
tem calibration mode can also minimize offset and gain errors in
the signal conditioning circuitry. Integral and differential linear-
ity are not significantly affected by temperature changes.
160
0
–80
–160
–240
–320
–55
5
25
105
125
TEMPERATURE –
°C
80
–35
–15
45
65
85
CLKIN = 4.096MHz
Figure 13. Typical Bipolar Offset vs. Temperature after
Calibration at +25
°C
In the bipolar mode the system offset calibration range is
restricted to
±0.4 V
REF. It should be noted that the span
restrictions limit the amount of offset which can be calibrated.
The span range of the converter in bipolar mode is equidistant
around the voltage used for the zero scale point. When the zero-
scale point is calibrated it must not cause either of the two
endpoints of the bipolar transfer function to exceed the positive
or the negative input overrange points (+VREF + 0.1) V or
–VREF + 0.1) V. If the span range is set to a minimum (0.8 VREF)
the offset voltage can move +0.4 VREF without causing the end
points of the transfer function to exceed the overrange points.
Alternatively, if the span range is set to 2 VREF, the input offset
cannot move more than +0.1 V or –0.1 V before an endpoint of
the transfer function exceeds the input overrange limit.
POWER-UP AND CALIBRATION
A calibration cycle must be carried out after power-up to
initialize the device to a consistent starting condition and correct
calibration. The CAL pin must be held high for at least four
clock cycles, after which calibration is initiated on the falling
edge of CAL and takes a maximum of 3,145,655 clock cycles
(approximately 768 ms with a 4.096 MHz clock). See Table III.
The type of calibration cycle initiated by CAL is determined by
the SC1 and SC2 inputs, in accordance with Table III.
Drift Considerations
The AD7703 uses chopper stabilization techniques to minimize
input offset drift. Charge injection in the analog switches and
leakage currents at the sampling node are the primary sources of
offset voltage drift in the converter. Figure 13 indicates the typi-
cal offset due to temperature changes after calibration at 25
°C.
Drift is relatively flat up to 75
°C. Above this temperature, leak-
age current becomes the main source of offset drift. Since leak-
age current doubles approximately every 10
°C, the offset drifts
accordingly. The value of the voltage on the sample capacitor is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com