Electronic Components Datasheet Search
  English  ▼

X  

AC09B331K Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # AC09B331K
Description  Ceramic Y Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AC09B331K Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  AC09B331K Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AC09B331K Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION AC09B331K Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AH/AC Series
FEATURES
•
Compact size
•
Cost effective products
•
Ideal for across
-the-line applications
•
Safety standard recognized for AC applications
SPECIFICATIONS
1.
Capacitance Range:
100pF to 10000pF
2.
Capacitance Tolerance:
±10%, ±20%, +80%
/-20%
3.
Operating Temperature Range:
-25
oC to 85oC
4.
Temperature
Coefficient ( C Max):
±10%(Y5P), +30%
/-80% (Y5V)
5.
Voltage Rating:
250VAC
- UL/cUL
6.
Dissipation Factor( tan
):
1±0.2Vrms
1±0.2Vrms
7.
Insulation Resistance:
10000M
at 500VDC for 60 seconds
8.
Dielectric Strength:
2600VAC for 60 seconds
AC
09
F
102
M
L7
TA
Type Class
Code
AH
AC
Class
X1/Y1
X1/Y2
Part Diameter (mm)
Ceramic Dielectric
Code
B
F
E
Ceramic dielectric
Y5P
Y5V
Y5U
Capacitance
Code
101
102
222
472
103
Capacitance
( pF )
100
1000
2200
4700
10000
Tolerance
Code
M
Z
K
Tolerance
± 20%
+80%
/-20%
±10%
Lead configuration
Configuration and Dimensions
AH
Type
Lead code
AC
Type
Lead code
Kinked
Lead
space(F)
Lead length(L)
L0
L0
Straight
10.0mm
25mm min
L7
Straight
7.5mm
25mm min
D0
D0
Front & back
10.0 mm
4.0±0.5 min
D7
Front & back
7.5 mm
4.0±0.5 min
B0
B0
Inside
10.0 mm
4.0±0.5 min
B7
Inside
7.5 mm
4.0±0.5 min
S0
Straight
10.0 mm
4.5±1.0 min
S7
Straight
7.5 mm
4.5±1.0 min
X7
Outside
7.5 mm
4.0±0.5 min
Packaging Code
Code
TA
(BLANK)
Packaging Code
Tape & Ammo
Bulk
PART NUMBERING SYSTEM
AH/AC are specifically designed for AC
applications and meet the safety requirements of
various safety standard agencies. They are ideal
for across-the-line and line bypass applications
UL/cUL File #E197475
Ω
Y5V=5.0% max @ 20
o
C
, 1KHz,
Y5P=2.5% max @ 20
o
C
, 1KHz,
250VAC (Y1/Y2), 400VAC (X1) - European Standards
rev: 6b
S
pecifications are subject to change without notice.
MERITEK
Ceramic Y Capacitors


Similar Part No. - AC09B331K

ManufacturerPart #DatasheetDescription
logo
3M Electronics
AC09 3M-AC09 Datasheet
244Kb / 3P
3M Scotch-Weld??Instant Adhesive Activators and Primers
More results

Similar Description - AC09B331K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AFL BALLUFF-BCC0AFL Datasheet
109Kb / 2P
Y-Splitters
0.93_2022-07-16
BCC0ALC BALLUFF-BCC0ALC Datasheet
115Kb / 2P
Y-Splitters
0.74_2022-07-15
BCC0AM0 BALLUFF-BCC0AM0 Datasheet
112Kb / 2P
Y-Splitters
0.84_2022-07-16
BCC0AM7 BALLUFF-BCC0AM7 Datasheet
113Kb / 2P
Y-Splitters
0.86_2022-07-16
BCC0AUF BALLUFF-BCC0AUF Datasheet
116Kb / 2P
Y-Splitters
0.68_2022-07-16
BCC0C9T BALLUFF-BCC0C9T Datasheet
116Kb / 2P
Y-Splitters
0.85_2022-07-16
BCC0EFF BALLUFF-BCC0EFF Datasheet
121Kb / 2P
Y-Splitters
0.68_2022-07-11
BCC0EW3 BALLUFF-BCC0EW3 Datasheet
112Kb / 2P
Y-Splitters
0.86_2022-07-11
BCC0F82 BALLUFF-BCC0F82 Datasheet
127Kb / 3P
Y-Splitters
0.81_2022-07-15
BCC0FA5 BALLUFF-BCC0FA5 Datasheet
114Kb / 2P
Y-Splitters
0.87_2022-07-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com