Electronic Components Datasheet Search
  English  ▼

X  

AD7710AR Datasheet(PDF) 21 Page - Analog Devices

Part # AD7710AR
Description  Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7710AR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7710AR Datasheet HTML 17Page - Analog Devices AD7710AR Datasheet HTML 18Page - Analog Devices AD7710AR Datasheet HTML 19Page - Analog Devices AD7710AR Datasheet HTML 20Page - Analog Devices AD7710AR Datasheet HTML 21Page - Analog Devices AD7710AR Datasheet HTML 22Page - Analog Devices AD7710AR Datasheet HTML 23Page - Analog Devices AD7710AR Datasheet HTML 24Page - Analog Devices AD7710AR Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7710
REV. F
–21–
Read Operation
As with the self-clocking mode, data can be read from either the
output register, the control register or the calibration registers.
A0 determines whether the data read accesses data from the
control register or from the output/calibration registers. This A0
signal must remain valid for the duration of the serial read
operation. With A0 high, data is accessed from either the output
register or from the calibration registers. With A0 low, data is
accessed from the control register.
The function of the
DRDY line is dependent only on the output
update rate of the device and the reading of the output data
register.
DRDY goes low when a new data word is available in
the output data register. It is reset high when the last bit of data
(either 16th bit or 24th bit) is read from the output register. If
data is not read from the output register, the
DRDY line will
remain low. The output register will continue to be updated at
the output update rate but
DRDY will not indicate this. A read
from the device in this circumstance will access the most recent
word in the output register. If a new data word becomes avail-
able to the output register while data is being read from the
output register,
DRDY will not indicate this and the new data
word will be lost to the user.
DRDY is not affected by reading
from the control register or the calibration register.
Data can only be accessed from the output data register when
DRDY is low. If RFS goes low while DRDY is high, no data
transfer will take place.
DRDY does not have any effect on read-
ing data from the control register or from the calibration
registers.
Write Operation
Data can be written to either the control register or calibration
registers. In either case, the write operation is not affected by
the
DRDY line and the write operation does not have any effect
on the status of
DRDY. A write operation to the control register
or the calibration register must always write 24 bits to the re-
spective register.
Figure 11 shows a write operation to the AD7710. A0 deter-
mines whether a write operation transfers data to the control
register or to the calibration registers. This A0 signal must re-
main valid for the duration of the serial write operation. The
falling edge of
TFS enables the internally generated SCLK
output. The serial data to be loaded to the AD7710 must be
valid on the rising edge of this SCLK signal. Data is clocked
into the AD7710 on the rising edge of the SCLK signal with the
MSB transferred first. On the last active high time of SCLK, the
LSB is loaded to the AD7710. Subsequent to the next falling
edge of SCLK, the SCLK output is turned off. (The timing
diagram of Figure 11 assumes a pull-up resistor on the SCLK
line.)
External Clocking Mode
The AD7710 is configured for its external clocking mode by
tying the MODE pin low. In this mode, SCLK of the AD7710
is configured as an input and an external serial clock must be
provided to this SCLK pin. This external clocking mode is
designed for direct interface to systems which provide a serial
clock output that is synchronized to the serial data output,
including microcontrollers such as the 80C51, 87C51, 68HC11
and 68HC05 and most digital signal processors.
SDATA (I)
SCLK (O)
TFS (I)
A0 (I)
t14
t15
t18
t19
t10
9
t
t16
MSB
LSB
t17
Figure 11. Self-Clocking Mode, Control/Calibration Register Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com