Electronic Components Datasheet Search
  English  ▼

X  

AD7714 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7714
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7714 Datasheet HTML 32Page - Analog Devices AD7714 Datasheet HTML 33Page - Analog Devices AD7714 Datasheet HTML 34Page - Analog Devices AD7714 Datasheet HTML 35Page - Analog Devices AD7714 Datasheet HTML 36Page - Analog Devices AD7714 Datasheet HTML 37Page - Analog Devices AD7714 Datasheet HTML 38Page - Analog Devices AD7714 Datasheet HTML 39Page - Analog Devices AD7714 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
AD7714
REV. C
–40–
OUTLINE DIMENSIONS
Dimensions are shown in inches and (mm).
24-Lead Plastic DIP
(N-24)
24
112
13
0.260 ± 0.001
(6.61 ± 0.03)
PIN 1
1.228 (31.19)
1.226 (31.14)
0.11 (2.79)
0.016 (2.28)
SEATING
PLANE
0.02 (0.5)
0.019 (0.41)
0.130 (3.30)
0.128 (7.62)
0.07 (1.78)
0.05 (1.27)
0.32 (8.128)
0.30 (7.62)
0.011 (0.28)
0.009 (0.23)
15
0
NOTES:
1. LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
2. PLASTIC LEADS WILL BE EITHER SOLDER DIPPED OR TIN PLATED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
24-Lead Wide Body SOIC
(R-24)
24
13
12
1
0.608 (15.45)
0.596 (15.13)
0.414 (10.52)
0.398 (10.10)
0.299 (7.6)
0.291 (7.39)
PIN 1
SEATING
PLANE
0.01 (0.254)
0.006 (0.15)
0.019 (0.49)
0.014 (0.35)
0.096 (204)
0.089 (2.26)
0.05 (1.27)
BSC
0.013 (0.32)
0.009 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
0
0.03 (0.76)
0.02 (0.51)
NOTES:
1. LEAD NO. 1 IDENTIFIED BY DOT.
2. SOIC LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
28-Lead Shrink Small Outline Package SSOP
(RS-28)
0.009 (0.229)
0.005 (0.127)
0.03 (0.762)
0.022 (0.558)
8
0
0.008 (0.203)
0.002 (0.050)
0.07 (1.79)
0.066 (1.67)
SEATING
PLANE
0.0256 (0.65)
BSC
0.311 (7.9)
0.301 (7.64)
0.212 (5.38)
0.205 (5.207)
28
15
14
1
0.407 (10.34)
0.397 (10.08)
PIN 1
NOTES:
1. LEAD NO. 1 IDENTIFIED BY DOT.
2. LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
24-Lead Thin Shrink Small Outline Package TSSOP
(RU-24)
24
13
12
1
0.311 (7.90)
0.303 (7.70)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com