Electronic Components Datasheet Search
  English  ▼

X  

C2000MCU Datasheet(PDF) 1 Page - Texas Instruments

Part # C2000MCU
Description  Enabling industry-leading energy effi ciency, adaptive intelligence and remote connectivity, C2000 Piccolo MCUs are lighting the way for the future of LED illumination designs.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C2000MCU Datasheet(HTML) 1 Page - Texas Instruments

  C2000MCU Datasheet HTML 1Page - Texas Instruments C2000MCU Datasheet HTML 2Page - Texas Instruments C2000MCU Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Energy efficiency
With a track-record of delivering efficient and feature-rich digital
power solutions, C2000 Piccolo microcontrollers are finely tuned to
drive higher efficiencies in LED lighting designs, meaning greater
savings on customers’ energy bills and differentiation of lighting
products in an energy-conscious world.
Intelligence
Looking for intelligence in your lighting product without the added cost
of external components? C2000 Piccolo microcontrollers have you
covered. With peripherals such as USB, I2C, SPI, CAP and UART, Piccolo
digital control enables advanced functionality such as temperature
monitoring, fault detection, light output tuning, proximity sensing and
more. With the availability of integrated timers, capabilities such as
dimming schedulers and advanced lighting control can easily be
added.
Connectivity
C2000 lighting solutions provide the connectivity and remote control
the market demands, without the cost of an external communications
module. Piccolo microcontrollers enable advanced communications
standards such as power line communications (PLC), DALI, DMX512,
KNX and RF.
Applications
The Piccolo lighting kits are ideal for a range of applications including
outdoor, architectural, entertainment, commercial, industrial, and
automotive.
C2000™ MCU
LED Lighting Guide
controlSUITE™ software
For C2000 development kit software and information, download
controlSUITE at
www.ti.com/controlSUITE
Single rail, multi-string, DC/DC boost
C2000 MCU lighting advantage
•
Portfolio of Piccolo MCUs enable a range of lighting designs from
simple, offline lighting designs to remote-connectivity-enabled
adaptive designs
•
Digital power software libraries provide the building blocks for
efficient digital power supply design
•
Lighting control and communications software examples and
user guides walk developers through the software and hardware
implementations of LED lighting control and communications
•
Hardware reference designs provide various example lighting
implementations from DC/DC designs to AC/DC plus
communications
Multi-rail, multi-string, DC/DC boost
Single-rail, multi-string, AC/DC PFC, comms
Enabling industry-leading energy efficiency, adaptive intelligence and remote connectivity, C2000 Piccolo™
MCUs are lighting the way for the future of LED illumination designs.


Similar Part No. - C2000MCU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
C2000 LED BoosterPack
C2000 TI1-C2000 Datasheet
1Mb / 4P
Jump start your solar design with development kits for micro, central and string inverters
logo
Hubbell Incorporated.
C2000028 HUBBELL-C2000028 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1-1/4in X 8ft Tripleye
C2000090 HUBBELL-C2000090 Datasheet
367Kb / 1P
Rod, Expanding/Cross-Plate Anchor protected tube 3/4in X 8ft Thimbleye
C2000092 HUBBELL-C2000092 Datasheet
363Kb / 1P
Rod, Expanding/Cross-Plate Anchor protected tube 3/4in X 6ft Twineye
More results

Similar Description - C2000MCU

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
Leading the Industry in High-Performance System Test
logo
List of Unclassifed Man...
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
The ST10F272B and ST10F272E are members of the STMicroelectronics
24-Sep-2013
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
The ST10F27x MCUs are derivatives of the STMicroelectronics
24-Sep-2013
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
Robotics: Discover the Science and Technology of the Future
6??1??7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com