Electronic Components Datasheet Search
  English  ▼

X  

AD7720 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7720
Description  CMOS Sigma-Delta Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7720 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7720 Datasheet HTML 8Page - Analog Devices AD7720 Datasheet HTML 9Page - Analog Devices AD7720 Datasheet HTML 10Page - Analog Devices AD7720 Datasheet HTML 11Page - Analog Devices AD7720 Datasheet HTML 12Page - Analog Devices AD7720 Datasheet HTML 13Page - Analog Devices AD7720 Datasheet HTML 14Page - Analog Devices AD7720 Datasheet HTML 15Page - Analog Devices AD7720 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7720
–12–
REV. 0
12pF
1k
1k
1k
12pF
1k
220nF
374k
1nF
VIN(–)
1/2
OP275
VIN(+)
REF1
REF2
100nF
DIFFERENTIAL
INPUT = 2.5V p-p
VIN(–) BIAS
VOLTAGE = 1.25V
AIN =
1.25V
1/2
OP275
1k
374k
10nF
1nF
Figure 28. Single-Ended Analog Input for Bipolar Mode
Operation
12pF
1k
AIN =
0.625V
1k
1k
12pF
1k
1/2
OP275
220nF
R
R
1nF
VIN(–)
1nF
1/2
OP275
VIN(+)
DIFFERENTIAL
INPUT = 2.5V p-p
COMMON MODE
VOLTAGE = 2.5V
REF1
OP07
REF2
100nF
Figure 29. Single-Ended to Differential Analog Input
Circuit for Bipolar Mode Operation
The 1 nF capacitors at each ADC input store charge to aid the
amplifier settling as the input is continuously switched. A resis-
tor in series with the drive amplifier output and the 1 nF input
capacitor may also be used to create an antialias filter.
Clock Generation
The AD7720 contains an oscillator circuit to allow a crystal or
an external clock signal to generate the master clock for the
ADC. The connection diagram for use with the crystal is shown
in Figure 30. Consult the crystal manufacturer’s recommenda-
tion for the load capacitors.
1M
XTAL
MCLK
Figure 30. Crystal Oscillator Connection
An external clock must be free of ringing and have a minimum
rise time of 5 ns. Degradation in performance can result as high
edge rates increase coupling that can generate noise in the sam-
pling process. The connection diagram for an external clock
source (Figure 31) shows a series damping resistor connected
between the clock output and the clock input to the AD7720.
The optimum resistor will depend on the board layout and the
impedance of the trace connecting to the clock input.
CLOCK
CIRCUITRY
MCLK
25–150
Figure 31. External Clock Oscillator Connection
A low phase noise clock should be used to generate the ADC
sampling clock because sampling clock jitter effectively modu-
lates the input signal and raises the noise floor. The sampling
clock generator should be isolated from noisy digital circuits,
grounded and heavily decoupled to the analog ground plane.
The sampling clock generator should be referenced to the ana-
log ground plane in a split ground system. However, this is not
always possible because of system constraints. In many cases,
the sampling clock must be derived from a higher frequency
multipurpose system clock that is generated on the digital
ground plane. If the clock signal is passed between its origin on
a digital plane to the AD7720 on the analog ground plane, the
ground noise between the two planes adds directly to the clock
and will produce excess jitter. The jitter can cause unwanted
degradation in the signal-to-noise ratio and also produce un-
wanted harmonics.
This can be somewhat remedied by transmitting the sampling
clock signal as a differential one, using either a small RF trans-
former or a high speed differential driver and receiver such as
PECL. In either case, the original master system clock should
be generated from a low phase noise crystal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com