Electronic Components Datasheet Search
  English  ▼

X  

AD7714YR Datasheet(PDF) 28 Page - Analog Devices

Part # AD7714YR
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YR Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7714YR Datasheet HTML 24Page - Analog Devices AD7714YR Datasheet HTML 25Page - Analog Devices AD7714YR Datasheet HTML 26Page - Analog Devices AD7714YR Datasheet HTML 27Page - Analog Devices AD7714YR Datasheet HTML 28Page - Analog Devices AD7714YR Datasheet HTML 29Page - Analog Devices AD7714YR Datasheet HTML 30Page - Analog Devices AD7714YR Datasheet HTML 31Page - Analog Devices AD7714YR Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD7714
REV. C
–28–
SUPPLY VOLTAGE (AVDD & DVDD) – Volts
0
2.85
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
3.15
3.45
4.05
4.35
4.65
4.95
5.25
3.75
MCLK IN = 2.4576MHz
MCLK IN = 1MHz
Figure 5. IDD vs. Supply Voltage
Grounding and Layout
Since the analog inputs and reference input are differential,
most of the voltages in the analog modulator are common-mode
voltages. The excellent Common-Mode Rejection of the part
will remove common-mode noise on these inputs. The analog
and digital supplies to the AD7714 are independent and sepa-
rately pinned out to minimize coupling between the analog and
digital sections of the device. The digital filter will provide
rejection of broadband noise on the power supplies, except at
integer multiples of the modulator sampling frequency. The
digital filter also removes noise from the analog and reference
inputs provided those noise sources do not saturate the analog
modulator. As a result, the AD7714 is more immune to noise
interference that a conventional high resolution converter. How-
ever, because the resolution of the AD7714 is so high and the
noise levels from the AD7714 so low, care must be taken with
regard to grounding and layout.
The printed circuit board which houses the AD7714 should be
designed such that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes which can be separated easily. A minimum
etch technique is generally best for ground planes as it gives the
best shielding. Digital and analog ground planes should only be
joined in one place. If the AD7714 is the only device requiring
an AGND to DGND connection, then the ground planes
should be connected at the AGND and DGND pins of the
AD7714. If the AD7714 is in a system where multiple devices
require AGND to DGND connections, the connection should
still be made at one point only, a star ground point which
should be established as close as possible to the AD7714.
Avoid running digital lines under the device as these will couple
noise onto the die. The analog ground plane should be allowed
to run under the AD7714 to avoid noise coupling. The power
supply lines to the AD7714 should use as large a trace as pos-
sible to provide low impedance paths and reduce the effects of
glitches on the power supply line. Fast switching signals like
clocks should be shielded with digital ground to avoid radiating
noise to other sections of the board and clock signals should
never be run near the analog inputs. Avoid crossover of digital
and analog signals. Traces on opposite sides of the board should
run at right angles to each other. This will reduce the effects of
feedthrough through the board. A microstrip technique is by far
the best but is not always possible with a double-sided board. In
this technique, the component side of the board is dedicated to
ground planes while signals are placed on the solder side.
Good decoupling is important when using high resolution
ADCs. All analog supplies should be decoupled with 10
µF
tantalum in parallel with 0.1
µF capacitors to AGND. To
achieve the best from these decoupling components, they have
to be placed as close as possible to the device, ideally right up
against the device. All logic chips should be decoupled with
0.1
µF disc ceramic capacitors to DGND. In systems where a
common supply voltage is used to drive both the AVDD and
DVDD of the AD7714, it is recommended that the system’s
AVDD supply is used. This supply should have the recommended
analog supply decoupling capacitors between the AVDD pin of
the AD7714 and AGND and the recommended digital supply
decoupling capacitor between the DVDD pin of the AD7714 and
DGND.
Evaluating the AD7714 Performance
The recommended layout for the AD7714 is outlined in the
evaluation board for the AD7714. The evaluation board pack-
age includes a fully assembled and tested evaluation board,
documentation, software for controlling the board over the
printer port of a PC and software for analyzing the AD7714’s
performance on the PC. For the AD7714-5, the evaluation
board order number is EVAL-AD7714-5EB and for the AD7714-3,
the order number is EVAL-AD7714-3EB.
Noise levels in the signals applied to the AD7714 may also
affect performance of the part. The AD7714 allows two tech-
niques for evaluating the true performance of the part, indepen-
dent of the analog input signal. These schemes should be used
after a calibration has been performed on the part.
The first of these is to select the AIN6/AIN6 input channel
arrangement. In this case, the differential inputs to the AD7714
are internally shorted together to provide a zero differential
voltage for the analog modulator. External to the device, the
AIN6 input should be connected to a voltage that is within the
allowable common-mode range of the part.
The second scheme is to evaluate the part with a voltage near
the input full scale voltage for a gain of 1. To do this, the refer-
ence voltage for the part should be applied to the analog input.
This will give a fixed full-scale reading from the device. If the
zero-scale calibration coefficient is now read from the device,
increased by a number equivalent to about 200 decimal and this
value reloaded to the zero-scale calibration register, the input
range will be offset such that a voltage equal to reference voltage
no longer corresponds to a full-scale reading. This allows the
user to evaluate the noise performance of the part with a near
full-scale voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com