Electronic Components Datasheet Search
  English  ▼

X  

Wi.232FHSS-25-FCC-R Datasheet(PDF) 51 Page - Radiometrix Ltd

Part # Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-25-FCC-R Datasheet(HTML) 51 Page - Radiometrix Ltd

Back Button Wi.232FHSS-25-FCC-R Datasheet HTML 47Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 48Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 49Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 50Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 51Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 52Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 53Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 54Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 55Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
50
Revision 1.1.0
4.1.37. My GUID[1] (regMYGUID[1])
regMYGUID[1] (0x36)
R
R
R
R
R
R
R
R
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default My GUID[1]: 0xFF
This is byte 2 of the 32-bit factory-programmed, read-only MAC/GUID address. The complete MyGUID
address is unique amongst Wi.232 modules. The MyGUID[3-0] unique address is used by all packet types
as a unique origination address. This register is used in conjunction with My GUID[3-2] and My GUID[0]
registers to make up the module’s 32-bit source GUID. For more information on the operation of
addressing modes, please refer to the Addressing Modes section of this document.
4.1.38. My GUID[0] (regMYGUID[0])
regMYGUID[0] (0x37)
R
R
R
R
R
R
R
R
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default My GUID[0]: 0xFF
This is byte 2 of the 32-bit factory-programmed, read-only MAC/GUID address. The complete MyGUID
address is unique amongst Wi.232 modules. The MyGUID[3-0] unique address is used by all packet types
as a unique origination address. This register is used in conjunction with My GUID[3-1] registers to make
up the module’s 32-bit source GUID. For more information on the operation of addressing modes, please
refer to the Addressing Modes section of this document.
4.1.39. Release Number (regRELEASENUM)
regRELEASENUM (0x78)
R
R
R
R
R
R
R
R
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
This register contains a hard-coded release number corresponding to a firmware version and hardware
platform. The following table lists current releases to date:
Wi.232FHSS-25-R
Wi.232FHSS-250-R
Release Number
Version Number
Release Number
Version Number
0x08
1.0.0
0x0D
1.0.5
0x0A
1.0.2
0x10
1.0.5a
0x0C
1.0.4
0x11
1.1.0
0x0E
1.0.4a
0x14
1.1.0 (Brazil)
0x0F
1.0.5
Tables 20 and 21, Release Number Register Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67