Electronic Components Datasheet Search
  English  ▼

X  

AD7729 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7729
Description  Dual Sigma-Delta ADC with Auxiliary DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729 Datasheet(HTML) 1 Page - Analog Devices

  AD7729 Datasheet HTML 1Page - Analog Devices AD7729 Datasheet HTML 2Page - Analog Devices AD7729 Datasheet HTML 3Page - Analog Devices AD7729 Datasheet HTML 4Page - Analog Devices AD7729 Datasheet HTML 5Page - Analog Devices AD7729 Datasheet HTML 6Page - Analog Devices AD7729 Datasheet HTML 7Page - Analog Devices AD7729 Datasheet HTML 8Page - Analog Devices AD7729 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7729
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Dual Sigma-Delta ADC
with Auxiliary DAC
FUNCTIONAL BLOCK DIAGRAM
ASDI
ASDIFS
ASCLK
ASDO
ASDOFS
ASE
BSDI
BSDIFS
BSCLK
BSDO
BSDOFS
BSE
MCLK
RxON
RESETB
REFERENCE
DECIMATION
FIR DIGITAL
FILTER
10-BIT
AUXDAC
OFFSET
ADJUST
DECIMATION
FIR DIGITAL
FILTER
BASEBAND
SERIAL
INTERFACE
AUXILIARY
SERIAL
INTERFACE
AUXDAC
IRxP
IRxN
QRxP
QRxN
REFCAP
REFOUT
AVDD2
AVDD1
DGND
DVDD1
DVDD2
AGND
OFFSET
ADJUST
MODULATOR
MODULATOR
DIVIDE BY 2
MUX
FEATURES
+3 V Supply Voltage
Baseband Serial Port (BSPORT)
Differential IRx and QRx
ADC Channels
Two 15-Bit Sigma-Delta A/D Converters
FIR Digital Filters
64 dB SNR
Output Word Rate 270.83 kHz
Twos Complement Coding
On-Chip Offset Calibration
Power-Down Mode
Auxiliary D/A Converter
Auxiliary Serial Port (ASPORT)
On-Chip Voltage Reference
Low Power
28-Lead TSSOP/28-Lead SOIC
APPLICATIONS
GSM Basestations
Pagers
GENERAL DESCRIPTION
This monolithic 3 V CMOS device is a low power, two-channel,
input port with signal conditioning. The receive path is com-
posed of two high performance sigma-delta ADCs with digital
filtering. A common bandgap reference feeds the ADCs.
A control DAC is included for such functions as AFC. The auxil-
iary functions can be accessed via the auxiliary port (ASPORT).
This device is available in a 28-lead TSSOP package or a
28-lead SOIC package.


Similar Part No. - AD7729

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7729 AD-AD7729 Datasheet
134Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729 Datasheet
177Kb / 17P
Dual Sigma-Delta ADC with Auxiliary DAC
23-Feb-2017
AD7729AR AD-AD7729AR Datasheet
134Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729AR AD-AD7729AR Datasheet
177Kb / 17P
Dual Sigma-Delta ADC with Auxiliary DAC
23-Feb-2017
AD7729ARU AD-AD7729ARU Datasheet
134Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
More results

Similar Description - AD7729

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
1bit Delta-Sigma Stereo ADC
logo
Analog Devices
AD7729ARZ AD-AD7729ARZ Datasheet
134Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729_15 Datasheet
146Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
logo
Analog Devices
ADE7903 AD-ADE7903 Datasheet
994Kb / 20P
3-Channel, Sigma-Delta ADC with SPI
REV. 0
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
AD7760 AD-AD7760_17 Datasheet
851Kb / 37P
Sigma-Delta ADC with On-Chip Buffer
23-Feb-2017
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
Dual Sigma-Delta ADC with Auxiliary DAC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com