| Electronic Components Datasheet Search |
|
AD7730 Datasheet(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7730 Datasheet(HTML) 36 Page - Analog Devices |
|
36 / 52 page ![]() AD7730/AD7730L –36– REV. A In DSP applications, the SCLK is generally a continuous clock. In these applications, the CS input for the AD7730 is generated from a frame synchronization signal from the DSP. In these applications, the first edge after CS goes low is the active edge. The MSB of the data to be shifted into the DSP must be set up prior to this first active edge. Unlike microcontroller applica- tions, the DSP does not provide a clock edge to clock the MSB from the AD7730. In this case, the CS of the AD7730 places the MSB on the DOUT line. For processors with the rising edge of SCLK as the active edge, the POL input should be tied high. In this case, the DSP takes data on the rising edge. If CS goes low while SCLK is low, the MSB is clocked out on the DOUT line from the CS. Subsequent data bits are clocked from the falling edge of SCLK. For processors with the falling edge of SCLK as the active edge, the POL input should be tied low. In this case, the DSP takes data on the falling edge. If CS goes low while SCLK is high, the MSB is clocked out on the DOUT line from the CS. Subsequent data bits are clocked from the rising edge of SCLK. Figure 18. Read Cycle Timing Diagram Figure 19. Write Cycle Timing Diagram The RDY line is used as a status signal to indicate when data is ready to be read from the AD7730’s data register. RDY goes low when a new data word is available in the data register. It is reset high when a read operation from the data register is com- plete. It also goes high prior to the updating of the data register to indicate when a read from the data register should not be initiated. This is to ensure that the transfer of data from the data register to the output shift register does not occur while the data register is being updated. It is possible to read the same data twice from the output register even though the RDY line returns high after the first read operation. Care must be taken, however, to ensure that the read operations are not initiated as the next output update is about to take place. For systems with a single data line, the DIN and DOUT lines on the AD7730 can be connected together, but care must be taken in this case not to place the part in continuous read mode as the part monitors DIN while supplying data on DOUT and as a result, it may not be possible to take the part out of its continuous read mode. DOUT SCLK (POL = 1) CS RDY MSB t5 t7 t9 LSB t8 t6 t4 t3 t10 SCLK (POL = 0) t5A t6 t7 DIN SCLK (POL = 1) CS MSB t12 t15 LSB t16 t14 t11 t13 SCLK (POL = 0) t14 t15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |