Electronic Components Datasheet Search
  English  ▼

X  

AD7741 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7741
Description  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7741 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7741 Datasheet HTML 4Page - Analog Devices AD7741 Datasheet HTML 5Page - Analog Devices AD7741 Datasheet HTML 6Page - Analog Devices AD7741 Datasheet HTML 7Page - Analog Devices AD7741 Datasheet HTML 8Page - Analog Devices AD7741 Datasheet HTML 9Page - Analog Devices AD7741 Datasheet HTML 10Page - Analog Devices AD7741 Datasheet HTML 11Page - Analog Devices AD7741 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
AD7741/AD7742
–8–
As can be seen from Table II, the AD7741 has one input range
configuration whereas the AD7742 has unipolar/bipolar as
well as gain options depending on the status of the GAIN
and UNI/
BIP pins.
The transfer function for the AD7741 is shown in Figure 3.
Figure 4 shows the AD7742 transfer function for unipolar input
range configuration while the AD7742 transfer function for
bipolar input range configuration is shown in Figure 5.
OUTPUT
FREQUENCY
fOUT
fOUTMAX
(0.45 fCLKIN)
fOUTMIN
(0.05 fCLKIN)
0
INPUT
VOLTAGE VIN
REFIN
Figure 3. AD7741 Transfer Characteristic for Input Range
from 0 to VREF
OUTPUT
FREQUENCY
fOUT
fOUTMAX
(0.45 fCLKIN)
fOUTMIN
(0.05 fCLKIN)
0
VREF
GAIN
+
DIFFERENTIAL
INPUT VOLTAGE
Figure 4. AD7742 Transfer Characteristic for Unipolar
Differential Input Range: 0 V to VREF/Gain; the input
common-mode range must be between +0.5 V and
VDD – 1.75 V. UNI/BIP pin tied to VDD.
Table II. AD7741/AD7742 Input Range Selection
VIN(Min)
VIN(Max)
UNI/
BIP
GAIN
Gain, G
fOUT = 0.05 fCLKIN
fOUT = 0.45 fCLKIN
Part
N/A
N/A
X1
0
+VREF
AD7741
00X1
–VREF
+VREF
AD7742
01X2
–VREF/2
+VREF/2
AD7742
10X1
0
+VREF
AD7742
11X2
0
+VREF/2
AD7742
OUTPUT
FREQUENCY
fOUT
fOUTMAX
(0.45 fCLKIN)
fOUTMIN
(0.05 fCLKIN)
DIFFERENTIAL
INPUT VOLTAGE
VREF
GAIN
+
VREF
GAIN
–
Figure 5. AD7742 Transfer Characteristic for Bipolar
Differential Input Range: –VREF/Gain to +VREF/Gain; the
common-mode range must be between +0.5 V and
VDD – 1.75 V. UNI/BIP pin tied to GND.
VFC Modulator
The analog input signal to the AD7741/AD7742 is continu-
ously sampled by a switched capacitor modulator whose sam-
pling rate is set by a master clock input that may be supplied
externally or by a crystal-controlled on-chip clock oscillator.
However, the input signal is buffered on-chip before being ap-
plied to the sampling capacitor of the modulator. This isolates
the sampling capacitor charging currents from the analog input
pins.
This system is a negative feedback loop that tries to keep the net
charge on the integrator capacitor at zero, by balancing charge
injected by the input voltage with charge injected by the VREF.
The output of the comparator provides the digital input for the
1-bit DAC, so that the system functions as a negative feedback
loop that tries to minimize the difference signal (see Figure 6).
INTEGRATOR
COMPARATOR
+
–
CLK
1-BIT
STREAM
+
INPUT
+VREF
–VREF
–
Figure 6. AD7741/AD7742 Modulator Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com