Electronic Components Datasheet Search
  English  ▼

X  

AOB282L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOB282L
Description  80V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB282L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOB282L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB282L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB282L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB282L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB282L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB282L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOT282L/AOB282L
Symbol
Min
Typ
Max
Units
BVDSS
80
V
VDS=80V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
2.2
2.85
3.5
V
ID(ON)
420
A
2.9
3.5
TJ=125°C
4.5
5.5
gFS
60
S
VSD
0.68
1
V
IS
105
A
Ciss
7765
pF
Coss
960
pF
Crss
66
pF
Rg
0.5
1
1.5
Ω
Q (10V)
127
178
nC
3.4
4.9
3.7
m
Ω
2.6
3.2
5.2
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
VGS=10V, ID=20A
TO263
IS=1A,VGS=0V
VDS=5V, ID=20A
On state drain current
VGS=10V, VDS=5V
VDS=VGS ID=250µA
Static Drain-Source On-Resistance
VGS=6V, ID=20A
TO220
VGS=6V, ID=20A
TO263
VGS=10V, ID=20A
TO220
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
Reverse Transfer Capacitance
VGS=0V, VDS=40V, f=1MHz
SWITCHING PARAMETERS
RDS(ON)
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
Qg(10V)
127
178
nC
Qg(4.5V)
58
nC
Qgs
35
nC
Qgd
21
nC
tD(on)
24
ns
tr
18
ns
tD(off)
55
ns
tf
17
ns
trr
40
ns
Qrr
320
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=10V, VDS=40V, RL=2Ω,
RGEN=3Ω
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=40V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-On DelayTime
Turn-On Rise Time
Turn-Off DelayTime
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0 : August 2012
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com