Electronic Components Datasheet Search
  English  ▼

X  

EMPE Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # EMPE
Description  Metallized Polyester Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

EMPE Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  EMPE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RV
CASE
CAP(
μF)
100VDC
250VDC
400VDC
630VDC
DIM.
CASE
W
H
T
P ± 1
dØ
0.010
C1
C1
13.0
9.0
4.0
10.0
0.6
0.015
C2
13.0
11.0
5.0
10.0
0.6
0.022
C1
C1
C1
C2
C3
13.0
12.0
6.0
10.0
0.6
0.033
C2
D1
18.0
11.0
5.0
15.0
0.6
0.047
C2
C2
C2
D2
D2
18.0
12.0
6.0
15.0
0.8
0.068
C1
C1
D1
D2
D3
18.0
13.5
7.5
15.0
0.8
0.1
C1
C1
D1
E2
D4
18.0
14.5
8.5
15.0
0.8
0.15
C1
C2
D2
E3
E1
26.5
15.0
6.0
20.0
0.8
0.22
C1
D1
E1
F1
E2
26.5
16.5
7.0
20.0
0.8
0.33
C2
D2
E2
F2
E3
26.5
17.5
8.5
20.0
0.8
0.47
D1
D2
E3
E4
26.5
19.0
10.0
20.0
0.8
0.68
D2
E2
E4
F1
32.0
20.0
11.0
27.5
0.8
1.0
D3
E2
F1
F2
32.0
22.0
13.0
27.5
0.8
1.5
E2
E4
F2
F3
32.0
30.0
15.0
27.5
0.8
2.2
E2
F1
3.3
E4
F2
4.7
F1
6.8
F2
Custom sizes and lead spacing available upon request
Custom values and tolerances available upon request
MERITEK
Metallized Polyester
Film Capacitors
EMPE Series
(Box type)
FEATURES
•
Non-inductive construction
•
Self-healing properties
•
High moisture resistance
•
Good solderability
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.01
μF to 6.8μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
100VDC, 250VDC, 400VDC, 630VDC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
>30000M
Ω (C ≤ 0.33μF)
>10000M
Ω• μF (C > 0.33μF)
PART NUMBERING SYSTEM
EMPE
474
J
2E
Meritek Series
Capacitance
Code
101
102
103
104
105
106
( pF )
100
1,000
10,000
100,000
( nF )
---
1
10
100
1000
(
μF )
---
0.001
0.01
0.1
1
10
Tolerance
Code
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
Code
2A
2E
2G
2J
Voltage
100
250
400
630
Tape & Reel / Tape & Ammo available for lead space <10 mm
Please contact factory for part number
0.5
T
d
H
0.5
6.0
0
1
W
0.5
P
EMPE are constructed with metallized polyester
film dielectric, tinned copper leads, plastic casing,
and epoxy resin for sealing. They are suitable for
filtering,
bypassing,
blocking,
and
coupling/
decoupling.
EMPE are ideal for use in data
processing and telecommunication equipment, as
well as automatic control systems.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - EMPE

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EMP ECE-EMP Datasheet
235Kb / 4P
MODULAR PLUG EMP SERIES
logo
Emcore Corporation
EMP-1 EMCORE-EMP-1 Datasheet
274Kb / 1P
Lithium-Niobate Fiber Optic Gyroscopes
EMP-1-FOG EMCORE-EMP-1-FOG Datasheet
1Mb / 2P
Fiber Optic Gyroscope (FOG)
EMP-1.2K EMCORE-EMP-1.2K Datasheet
384Kb / 1P
EMP-1.2K Lithium-Niobate Fiber Optic Gyroscopes
EMP-1.2K-FOG EMCORE-EMP-1.2K-FOG_16 Datasheet
922Kb / 2P
Lithium-Niobate
More results

Similar Description - EMPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com