Electronic Components Datasheet Search
  English  ▼

X  

HMPE Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # HMPE
Description  Hi-Voltage Metallized Polyester Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HMPE Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  HMPE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RV
1000VDC
1250VDC
DIM.
CAP(
μF)
W
H
T
P
dØ
W
H
T
P
dØ
0. 0022
20.0
10.0
6.5
16.0
0.6
20.0
11.0
6.5
16.0
0.6
0.0027
20.0
10.0
6.5
16.0
0.6
20.0
10.5
6.5
16.0
0.6
0.0033
20.0
12.0
6.5
16.0
0.6
20.0
12.0
6.5
16.0
0.6
0.0039
20.0
12.5
6.5
16.0
0.6
20.0
12.5
6.5
16.0
0.6
0.0047
20.0
14.0
7.0
16.0
0.6
20.0
12.5
7.0
16.0
0.6
0.0056
20.0
14.0
7.0
16.0
0.6
20.0
14.0
7.0
16.0
0.6
0.0068
20.0
15.0
8.0
16.0
0.6
20.0
15.0
8.0
16.0
0.6
0.0082
20.0
15.0
8.0
16.0
0.6
25.0
15.0
8.0
21.0
0.6
0.010
20.0
15.0
8.0
16.0
0.6
25.0
15.0
8.0
21.0
0.6
0.012
20.0
15.5
8.0
16.0
0.6
25.0
15.0
8.0
21.0
0.6
0.015
20.0
16.0
9.0
16.0
0.6
25.0
15.0
8.0
21.0
0.6
0.018
20.0
17.0
9.5
16.0
0.6
25.0
15.0
8.0
21.0
0.6
0.022
20.0
18.0
10.0
16.0
0.6
25.0
15.0
8.0
21.0
0.6
0.027
25.0
18.0
10.0
21.0
0.8
30.0
15.5
8.0
26.0
0.8
0.033
25.0
18.0
10.0
21.0
0.8
30.0
16.0
8.5
26.0
0.8
0.039
25.0
18.0
10.0
21.0
0.8
30.0
16.5
9.0
26.0
0.8
0.047
25.0
18.0
9.0
21.0
0.8
30.0
18.0
9.0
26.0
0.8
0.056
25.0
18.5
10.0
21.0
0.8
35.0
18.0
9.0
31.0
0.8
0.068
25.0
19.5
11.0
21.0
0.8
35.0
18.5
9.5
31.0
0.8
0.082
25.0
20.5
11.5
21.0
0.8
35.0
19.0
10.5
31.0
0.8
0.10
25.0
22.5
12.0
21.0
0.8
0.12
30.0
21.0
10.5
26.0
0.8
0.15
30.0
22.0
11.5
26.0
0.8
0.18
30.0
23.0
12.5
26.0
0.8
0.22
30.0
24.5
14.0
26.0
0.8
Custom sizes and lead spacing available upon request
Custom values and tolerances available upon request
MERITEK
Hi-Voltage Metallized Polyester
Film Capacitors
HMPE Series
(Radial Dipped)
FEATURES
•
Good self-healing properties
•
Non-inductive construction
•
Flame retardant epoxy resin coating
(In compliance with UL 94V-0)
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.0022
μF to 0.22μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
1000VDC, 1250VDC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
>30000M
Ω (C ≤ 0.33μF)
>10000M
Ω μF (C > 0.33μF)
PART NUMBERING SYSTEM
HMPE
682
K
3A
Meritek Series
Capacitance
CODE
101
102
103
104
105
106
( pF )
100
1,000
10,000
100,000
( nF )
---
1
10
100
1000
(
μF )
---
0.001
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
3A
3B
1000V
1250V
HMPE are constructed with metallized polyester
film dielectric, tinned copper leads, and epoxy resin
coating. They are suitable for DC and pulse circuits
at medium and high voltages
.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - HMPE

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
HMP09H ASSMANN-HMP09H Datasheet
235Kb / 1P
D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
logo
Hynix Semiconductor
HMP112F7EFR8C-S5 HYNIX-HMP112F7EFR8C-S5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-S6D3 HYNIX-HMP112F7EFR8C-S6D3 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HMPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
MPPS MERITEK-MPPS Datasheet
118Kb / 1P
Hi-Voltage Metallized Polypropylene Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com