Electronic Components Datasheet Search
  English  ▼

X  

KNP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # KNP
Description  Nonflame Wirewound Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

KNP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  KNP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
Nonflame Wirewound Resistors
NKNP(Non-inductive type)
KNP(Standard type)
FEATURES
•
High heat dissipation: Small linear temperature coefficient
•
Instant overload capability; Low noise figure and without annual shift
in resistance value
•
Complete flameproof construction UL-1412
PART NUMBERING SYSTEMS
KNP
1W
-
103
J
TR
Meritek Series
Power Rating
CODE
½W
1WS
1W
2WS
2W
0.5W
1W
1W
2W
2W
Resistance
First 2 digits are significant
3
rd digit is multiplier
“R” indicates decimal value below 10 ohm
Tolerance
CODE
J
(%)
± 5
TR: Tape & Reel
B:
Bulk
DIMENSIONS
STYLE
DIMENTIONS (MM)
Normal
Miniature
L
D
H
d
VALUE RANGE
KNP-1/2W
KNP-1WS
9.0 0.5
3.2 0.5
26 2.0
0.65 0.03
0.1
~50
KNP-1W
KNP-2WS
11.5 1.0
4.5 0.5
35 2.0
0.78 0.03
0.1
~100
KNP-2W
KNP-3WS
15.5 1.0
5.0 0.5
32 2.0
0.78 0.03
0.1
~330
KNP-3W
KNP-5WS
16.5 1.0
6.0 0.5
32 2.0
0.78 0.03
0.1
~200
KNP-5W
KNP-7WS
24.0 1.0
8.0 0.5
38 2.0
0.78 0.03
0.5
~300
KNP-7W
KNP-8WS
30.0 1.0
8.0 0.5
38 2.0
0.78 0.03
0.5
~300
KNP-8W
KNP-9WS
40.0 1.0
8.0 0.5
38 2.0
0.78 0.03
1
~1.5K
KNP-9W
KNP-10WS
47.0 1.0
8.0 0.5
38 2.0
0.78 0.03
1
~1.5K
KNP-10W
49.0 1.0
9.0 0.5
38 2.0
1.0 0.03
1
~3.3K
Value range for standard resistance, below or over this resistance on request 2. Non- inductive type up 50
only
ELECTRICAL CHARACTERISTICS
STYLE
KNP-1/2W KNP-1WS
KNP-1W
KNP-2WS
KNP-2W
KNP-3WS
KNP3W
KNP-5WS
KNP-5W
KNP-7WS
KPN-7W
KNP-8WS
KNP-8W
KNP-9WS
KNP-9W
KNP-10WS
KNP-10W
Power Rating At 70
oC
0.5W
1W
2W
3W
5W
7W
8W
9W
10W
Operating Temp. Range
-55
oC to + 155oC
Resistance Temp. Coeff.
400PPM/
oC
Dielectric Withstanding Volt
300V
300V
400V
400V
500V
500V
500V
800V
1000V
PERFORMANCE
Short time overload
2%+0.05
Insulation resistance
>
100M
Load life
5%+0.05
Load life in humidity
5%+0.05
Solderability
95% min. coverage
Terminal strength
Tensile:
2.5kg
Specifications are subject to change without notice.
rev.6a


Similar Part No. - KNP

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
Wire Wound Resistors
OCT-25-2023
logo
YAGEO Corporation
KNP YAGEO-KNP Datasheet
2Mb / 21P
WIREWOUND RESISTORS
April 1, 2024 V.5
logo
Willow Technologies Ltd
KNP-1/2W WILLOW-KNP-1/2W Datasheet
157Kb / 2P
WIREWOUND RESISTORS
logo
Token Electronics Indus...
KNP-1001W0R1FP TOKEN-KNP-1001W0R1FP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
More results

Similar Description - KNP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
Ceramic Wirewound Resistors
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
FLAMEPROOF WIREWOUND RESISTORS
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
Wirewound Resistors
30-Mar-12
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com