Electronic Components Datasheet Search
  English  ▼

X  

LCE Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # LCE
Description  Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

LCE Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  LCE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION LCE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION LCE Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Plastic package has Underwriters Laboratory Flammability Classification 94V-O.
Glass passivated junction.
1,500W peak pulse power capability with a 10/1000µs waveform,
repetition rate (duty cycle): 0.05%.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time: typically less than 5.0ns from 0 volt to VBR min.
Ideal for data line applications.
High temperature soldering guaranteed: 265℃/10 seconds/.375”,
(9.5mm) lead length, 5lbs., (2.3kg) tension.
Case: JEDEC DO-201 Molded Plastic.
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026.
Polarity: Color band denotes cathode.
Mounting Position: Any.
Weight: 0.045 ounce, 1.2 grams.
Ratings at 25℃ ambient temperature unless otherwise specified.
Note: Non-repetitive current pulse, per Fig. 3 and derated above TA = 25℃ per Fig. 2.
DO-201
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power Dissipation on 10/1000μs waveform. (Note 1,Fig. 1)
PPPM
Minimum 1 500
Watts
Peak Pulse Current on 10/1000μs waveform. (Note 1,Fig. 3)
IPPM
e Table
Amps
Steady State Power Dissipation at TL =75℃,Lead length .375” (9.5mm).
(Fig. 5)
PM(AV)
6.5
Watts
Operating junction and Storage Temperature Range.
TJ , TSTG
-55 to +175
℃
Transient Voltage Suppressors
Series
MERITEK
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND CHARACTERISTICS
All specifications are subject to change without notice.
1
Rev 7


Similar Part No. - LCE

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
LCE LITTELFUSE-LCE Datasheet
141Kb / 5P
Transient Voltage Suppression Diodes
logo
Ruilongyuan Electronics...
LCE RUILON-LCE Datasheet
752Kb / 7P
Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
LCE NJSEMI-LCE Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
LCE ANOVA-LCE Datasheet
283Kb / 3P
Axial Lead Transient Voltage Suppressors
More results

Similar Description - LCE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com