Electronic Components Datasheet Search
  English  ▼

X  

AD781 Datasheet(PDF) 8 Page - Analog Devices

Part # AD781
Description  Complete 700 ns Sample-and-Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD781 Datasheet(HTML) 8 Page - Analog Devices

  AD781 Datasheet HTML 1Page - Analog Devices AD781 Datasheet HTML 2Page - Analog Devices AD781 Datasheet HTML 3Page - Analog Devices AD781 Datasheet HTML 4Page - Analog Devices AD781 Datasheet HTML 5Page - Analog Devices AD781 Datasheet HTML 6Page - Analog Devices AD781 Datasheet HTML 7Page - Analog Devices AD781 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD781
REV. A
–8–
AD781 TO AD674 INTERFACE
Figure 9 shows a typical data acquisition circuit using the
AD781, a high linearity, low aperture jitter SHA and the AD674
a 12-bit high speed ADC. The time between the AD674 status
line going high and the actual start of conversion allows the
AD781 to settle to 0.01%. As a result, the AD674 status line
can be used to control the AD781; only an inverter is needed to
interface the two devices.
CS
A0
10 VIN
DGND
20 VIN
REF IN
REF OUT
BIP OFFSET
R/C
AGND
NC
GAIN
CONVERT
0.1µF
+12V
VCC
IN
GND
0.1µF
–12V
VIN
OUT
AD781
100
Ω
100
Ω
OFFSET
28
15
3
4
13
14
10
8
12
5
9
5
8
2
3
4
NC
6
NC
1
7
AD674
–12V
4.7µF
0.1µF
11
+12V
4.7µF
0.1µF
7
D0–11
12-BIT
THREE-STATE
DATA
16
27
STS
STATUS
S/H
7404
OR EQUIV.
CE
+5V
6
VL
1
2
12/8
0.1µF
VEE
Figure 9. AD781 to AD674 Interface
20
–140
–100
–120
0
–60
–80
–40
–20
0
3
7
10
13
16
20
23
26
30
33
FREQUENCY BINS – kHz
Figure 10. FFT Plot of AD781 to AD674 Interface,
FIN = 1 kHz
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Cerdip (Q) Package
Mini-DIP (N) Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com