Electronic Components Datasheet Search
  English  ▼

X  

AD7810 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7810
Description  2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7810 Datasheet(HTML) 4 Page - Analog Devices

  AD7810 Datasheet HTML 1Page - Analog Devices AD7810 Datasheet HTML 2Page - Analog Devices AD7810 Datasheet HTML 3Page - Analog Devices AD7810 Datasheet HTML 4Page - Analog Devices AD7810 Datasheet HTML 5Page - Analog Devices AD7810 Datasheet HTML 6Page - Analog Devices AD7810 Datasheet HTML 7Page - Analog Devices AD7810 Datasheet HTML 8Page - Analog Devices AD7810 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD7810
–4–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
CONVST
Convert Start. Falling edge puts the track-and-hold into hold mode and initiates a conversion.
A rising edge on the
CONVST pin enables the serial port of the AD7810. This is useful in multi-
package applications where a number of devices share the same serial bus. The state of this pin at
the end of conversion also determines whether the part is powered down or not. See Operating
Modes section of this data sheet.
2VIN+
Positive input of the pseudo differential analog input.
3VIN–
Negative input of the pseudo differential analog input.
4
GND
Ground reference for analog and digital circuitry.
5VREF
External reference is connected here.
6DOUT
Serial data is shifted out on this pin.
7
SCLK
Serial Clock. An external serial clock is applied here.
8V
DD
Positive Supply Voltage 2.7 V to 5.5 V.
PIN CONFIGURATION
DIP/SOIC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD7810
CONVST
VIN+
VIN–
GND
VDD
SCLK
DOUT
VREF
THROUGHPUT – kSPS
10
1
0.01
030
10
0.1
20
40
50
Figure 2. Power vs. Throughput
Typical Performance Characteristics
FREQUENCY BINS
–115
–95
–75
–55
–35
–15
2048 POINT FFT
SAMPLING 357.142kSPS
FIN = 30kHz
Figure 3. AD7810 SNR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com