Electronic Components Datasheet Search
  English  ▼

X  

MB6A Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MB6A
Description  Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MB6A Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MB6A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MB6A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MB6A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MB6A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MB6A Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Standard
Peak Surge
Voltage(V)
Voltage
Waveform
Required
Peak
Current (A)
Current
Minimum serial
Resistor to meet
Standard(Ω)
GR-1089 Core
Intrabuilding
__
__
150
2/10μS
__
40
10/1000μS
ITU-T-K20/K21
6000
10/700μS
100
5/310μS
40
ITU-T-K20
(IEC61000-4-2)
30000
1/30nS
ESD Contact Discharge
ESD Air Discharge
__
30000
1/60nS
__
IEC61000-4-5
6000
10/700μS
100
5/310μS
40
2000
1.2/50μS
150
8/20μS
12
FCC Part 68
__
__
90
10/160μS
__
50
10/560μS
Part Number
IRM@VRM
MAX.
IRM@VRM
MAX.
IRM@VRM
MAX.
IRM@VRM
MAX.
IRM@VRM
MAX.
V
μA
V
μA
V
μA
V
μA
V
μA
5
200
4
50
3
10
2.5
5
1.5
1
Part Number
VBR Min @ It
It
Vc @ IPP
IPP
Ctype
V
mA
V
A
pF
6
1
15
40
35
Note:
VRM
Reverse Stand-Off Voltage or
Working Voltage
VC
Maximum Clamping Voltage
IRM
Reverse Maximum Leakage
I P
Peak Pulse Current@10/1000μs Wave
VBR
Breakdown Voltage @ 1mA
Ctype
Capacitance
MB6A Series
MERITEK
STANDARDS COMPLIANCE
SPECIFICATIONS
Waveform
MB6A
MB6A
2
Rev 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com