Electronic Components Datasheet Search
  English  ▼

X  

MCT Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MCT
Description  Cement Resistor With Thermal Cut-Off
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MCT Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MCT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. 7
FEATURES
Wire wound on ceramic body.
Combines thermal fuse and pulse resistor functions.
Multiple fusing temperatures available.
Current Rating up to 10Amps.
PART NUMBERING SYSTEM
MCT
5W
E VALUE
J
RES. TOL. 5% / 10% = J / K
RESISTANCE 0R1 TO 10M
FUSE TEMPERATURE
POWER RATING
MERITEK PRODUCT SERIES
(Bulk Only)
SPECIFICATIONS
MCT Series
Rated Power
at 25°C (W)
Marking
Fusing Temperature
(°C)
Rated
Current
(A)
Rated
Voltage
(V)
5W
7W
10W
Resistance
(Ω)
Tolerance
(%)
A
109+1/-3
1.2
1.4
2.0
B
129±4
1.6
2.0
2.5
C
152±4
1.6
2.0
2.5
D
188+3/-1
2.0
2.4
3.5
E
226+1/-3
10
2.0
2.4
3.5
F
95+3/-0
0.8
1.2
G
110±4
1.2
1.4
H
126±4
1.4
1.6
N
130±4
1.6
2.0
M
145±4
2
250
2.1
2.4
1~100
J(±5)
K(±10)
DIMENSIONS
Dimensions (mm)
Type
W ± 1
D ± 1
H ± 1.5
RM+2/-1
h
D1 (R Terminal)
D2 (F Terminal)
MCT5W
13
9
25
5
MCT7W
13
9
38
5
MCT10W
16
12
35
7.5
4.5±1
0.8±0.1
10A:1.0 ±0.1
2A:0.6 ±0.1
POWER DERATING CURVE
Cement Resistor
With Thermal Cut-Off
MCT Series


Similar Part No. - MCT

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
MCT CONQUER-MCT Datasheet
196Kb / 1P
8.35 x 3.95 x 5.0 mm
logo
Magnelab.
MCT-0016-005 MAGNELAB-MCT-0016-005 Datasheet
230Kb / 1P
Split-Core AC Current 4 to 20 mA Transducer MCT-0016-XXX, 4 to 20mA DC Output
MCT-0016-010 MAGNELAB-MCT-0016-010 Datasheet
230Kb / 1P
Split-Core AC Current 4 to 20 mA Transducer MCT-0016-XXX, 4 to 20mA DC Output
MCT-0016-020 MAGNELAB-MCT-0016-020 Datasheet
230Kb / 1P
Split-Core AC Current 4 to 20 mA Transducer MCT-0016-XXX, 4 to 20mA DC Output
MCT-0016-050 MAGNELAB-MCT-0016-050 Datasheet
230Kb / 1P
Split-Core AC Current 4 to 20 mA Transducer MCT-0016-XXX, 4 to 20mA DC Output
More results

Similar Description - MCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
logo
Molex Electronics Ltd.
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
Cut Off Punch
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
List of Unclassifed Man...
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
logo
Molex Electronics Ltd.
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
Cut-off Punch
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
Cut-off Punch
63469-0004 MOLEX11-63469-0004 Datasheet
31Kb / 1P
Cut-off Punch
0011404418 MOLEX-0011404418 Datasheet
34Kb / 1P
Cut-off Punch
11/02/2021
0011184447 MOLEX-0011184447 Datasheet
23Kb / 1P
Cut-off Punch
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com