Electronic Components Datasheet Search
  English  ▼

X  

MGR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MGR
Description  Metal Glazed Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MGR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MGR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MGR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Metal Glazed Resistor
MGR Series
-
MERITEK
Rating :
Dielectric
Withstanding Voltage
Power rating
Max.
working
Voltage
Max.
Overload
Voltage
Silicone
Resin
Epoxy
Resin
Resistance
Range*
Resistance
Tolerance
T.C.R.
Rating
Ambient
Temperature
Operating
Temperature
MGR1/8W(0204)
DC500V
1000V
300V
400V
100K~100M
MGR1/4W(0207)
DC1600V
AC1150V
DC2000V
AC1500V
400V
500V
100K-1G
MGR1/2WS(0207)
MGR1/2WS(0309)
DC1700V
DC1800V
2500V
400V
500V
100K-1G
MGR1/2W(0410)
DC2000V
2500V
500V
700V
100K-1G
MGR1WS(0412)
DC2500V
3500V
500V
700V
100K-1G
MGR1W(0414)
DC3000V
4000V
500V
1000V
100K-1G
MGR2WS(0416)
DC3500V
4000V
500V
1000V
100K-1G
MGR2W(0516)
DC3500V
4000V
700V
1200V
100K-1G
MGR3WS(0518)
DC3500V
4000V
700V
1200V
100K-1G
K
(±10%)E12
J
(±5%)E24
F
(±1%)E24
>1G(±10%)
E12
±200PPM/℃
±100PPM/℃
±50PPM/℃
70
℃
-55
℃~+175℃
* Resistance range reflects standard resistance values. Other resistance values are available on request. Maximum resistance: 10G ohms
Performance :
Test Items
Test Methods
Specifications
Short time overload
Rated Voltage X 2.5 or Max. overload Voltage, whichever is lower, for 5sec.
±
(1.0%+0.05Ω)
Moisture resistance
40 ±2 , 90%~95%RH,1000h
℃℃
90 min
【ON】30 min【OFF】
±
(5.0%+0.05Ω)
Load life
1000hours at rated voltage, 70℃
90 min
【ON】30 min【OFF】
±
(3.0%+0.05Ω)
Insulation resistance
500±50V DC During 1 min V-Block method
±10,000MΩ Over
Dielectric withstanding voltage
In V-Block for 60 seconds
By Type
Resistance to soldering heat
260 ±5 ,10s±1s or 350 ±10 , 3.5s±0.5s
℃℃
℃
℃
±
(1.0%+0.05Ω)
Temperature cycling
5 cycles for
–25℃±3℃(30min);room temp.(30min) ~ +85℃±3℃(30min) room
temp. (30min)
±
(1.0%+0.05Ω)
Terminal strength
Direct load for 10 sec. In the direction of the terminal leads.
Tensile: 2.5kg
≧
Intermittent ‘overload
4 times RCWV for10000cycles(1sec.on
,25secs.off)
±(1%+0.05Ω)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com